Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP265EG Datasheet(PDF) 36 Page - Power Integrations, Inc.

Part # TOP265EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP265EG Datasheet(HTML) 36 Page - Power Integrations, Inc.

Back Button TOP265EG Datasheet HTML 32Page - Power Integrations, Inc. TOP265EG Datasheet HTML 33Page - Power Integrations, Inc. TOP265EG Datasheet HTML 34Page - Power Integrations, Inc. TOP265EG Datasheet HTML 35Page - Power Integrations, Inc. TOP265EG Datasheet HTML 36Page - Power Integrations, Inc. TOP265EG Datasheet HTML 37Page - Power Integrations, Inc. TOP265EG Datasheet HTML 38Page - Power Integrations, Inc. TOP265EG Datasheet HTML 39Page - Power Integrations, Inc. TOP265EG Datasheet HTML 40Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Rev. E 08/12
36
TOP264-271
www.powerint.com
SIDE VIEW
C
A
END VIEW
11×
11×
Detail A
0.059 [1.50]
Ref, typ.
2
8
Notes:
1. Dimensioning and tolerancing per
ASME Y14.5M-1994.
2. Dimensions noted are determined at the outer-
most extremes of the plastic body exclusive of
mold flash, tie bar burrs, gate burrs, and interlead
flash, but including any mismatch between the
top and bottom of the plastic body. Maximum
mold protrusion is 0.007 [0.18] per side.
3. Dimensions noted are inclusive of plating
thickness.
4. Does not include inter-lead flash or protrusions.
5. Controlling dimensions in inches [mm].
6. Datums A and B to be determined at Datum H.
7. Measured with the leads constrained to be
perpendicular to Datum C.
8. Measured with the leads unconstrained.
9. Lead numbering per JEDEC SPP-012.
10. Exposed pad is nominally located at the center-
line of Datums A and B. “Max” dimensions
noted include both size and positional tolerances.
eDIP-12B (V Package)
B
H
TOP VIEW
0.325 [8.26]
Max.
Pin #1 I.D.
(Laser Marked)
0.350 [8.89]
0.070 [1.78]
1 2 3 4
6
12 11 10 9 8 7
7
12
6
0.059 [1.50]
Ref, typ.
1
0.225 [5.72]
Max.
0.192 [4.87]
Ref.
0.436 [11.08]
0.406 [10.32]
0.023 [0.58]
0.018 [0.46]
0.092 [2.34]
0.086 [2.18]
0.049 [1.23]
0.046 [1.16]
0.022 [0.56]
Ref.
0.031 [0.80]
0.028 [0.72]
0.016 [0.41]
0.011 [0.28]
0.400 [10.16]
7
2
3 4
10
10
0.400 [10.16]
0.010 [0.25] Ref.
Seating Plane
0.412 [10.46]
Ref.
0.120 [3.05]
Ref.
0.306 [7.77]
Ref.
0.104 [2.65] Ref.
0.356 [9.04]
Ref.
0.019 [0.48]
Ref.
0.028 [0.71]
Ref.
0.020 [0.51]
Ref.
BOTTOM VIEW
0.010 [0.25] M C A B
2X
0.004 [0.10] C B
DETAIL A (Scale = 9X)
0.004 [0.10] C A
5 ±° 4°
PI-5556a-100311
0.07 [1.78]
0.03 [0.76]
0.400 [10.16]
Mounting
Hole Pattern
Dimensions
Drill Hole
0.03 [0.76]
Round Pad
0.05 [1.27]
Solder Mask 0.056 [1.42]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com