Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP266EG Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # TOP266EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP266EG Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button TOP266EG Datasheet HTML 32Page - Power Integrations, Inc. TOP266EG Datasheet HTML 33Page - Power Integrations, Inc. TOP266EG Datasheet HTML 34Page - Power Integrations, Inc. TOP266EG Datasheet HTML 35Page - Power Integrations, Inc. TOP266EG Datasheet HTML 36Page - Power Integrations, Inc. TOP266EG Datasheet HTML 37Page - Power Integrations, Inc. TOP266EG Datasheet HTML 38Page - Power Integrations, Inc. TOP266EG Datasheet HTML 39Page - Power Integrations, Inc. TOP266EG Datasheet HTML 40Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Rev. E 08/12
37
TOP264-271
www.powerint.com
SIDE VIEW
END VIEW
11×
2
7
7
PI-5748a-100311
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions noted are determined at the outermost
extremes of the plastic body exclusive of mold flash,
tie bar burrs, gate burrs, and interlead flash, but
including any mismatch between the top and bottom of
the plastic body. Maximum mold protrusion is 0.007
[0.18] per side.
3. Dimensions noted are inclusive of plating thickness.
4. Does not include interlead flash or protrusions.
5. Controlling dimensions in inches [mm].
6. Datums A and B to be determined at Datum H.
7. Exposed pad is nominally located at the centerline of
Datums A and B. “Max” dimensions noted include both
size and positional tolerances.
eSOP-12B (K Package)
B
C
C
H
TOP VIEW
BOTTOM VIEW
Pin #1 I.D.
(Laser Marked)
0.023 [0.58]
0.018 [0.46]
0.006 [0.15]
0.000 [0.00]
0.098 [2.49]
0.086 [2.18]
0.092 [2.34]
0.086 [2.18]
0.032 [0.80]
0.029 [0.72]
Seating
Plane
Detail A
Seating plane to
package bottom
standoff
0.034 [0.85]
0.026 [0.65]
0.049 [1.23]
0.046 [1.16]
3 4
0.460 [11.68]
0.400 [10.16]
0.070 [1.78]
0.306 [7.77]
Ref.
2
0.350 [8.89]
0.010 [0.25]
Ref.
Gauge Plane
Seating Plane
0.055 [1.40] Ref.
0.010 [0.25]
0.059 [1.50]
Ref, Typ
0.225 [5.72]
Max.
0.019 [0.48]
Ref.
0.022 [0.56]
Ref.
0.020 [0.51]
Ref.
0.028 [0.71]
Ref.
0.325 [8.26]
Max.
0.356 [9.04]
Ref.
0.059 [1.50]
Ref, Typ
0.120 [3.05] Ref
0.010 (0.25) M C A B
11×
0.016 [0.41]
0.011 [0.28]
3
DETAIL A (Scale = 9X)
0.008 [0.20] C
2X, 5/6 Lead Tips
0.004 [0.10] C
0.004 [0.10] C A 2X
0.004 [0.10] C B
0 -
° 8°
1
2
3
4
6
6
1
7
12
2X
0.217 [5.51]
0.321 [8.15]
0.429 [10.90]
0.028 [0.71]
0.067 [1.70]
Land Pattern
Dimensions
11
12
10
9
8
7
2
1
3
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com