Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP266EG Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP266EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP266EG Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP266EG Datasheet HTML 9Page - Power Integrations, Inc. TOP266EG Datasheet HTML 10Page - Power Integrations, Inc. TOP266EG Datasheet HTML 11Page - Power Integrations, Inc. TOP266EG Datasheet HTML 12Page - Power Integrations, Inc. TOP266EG Datasheet HTML 13Page - Power Integrations, Inc. TOP266EG Datasheet HTML 14Page - Power Integrations, Inc. TOP266EG Datasheet HTML 15Page - Power Integrations, Inc. TOP266EG Datasheet HTML 16Page - Power Integrations, Inc. TOP266EG Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Rev. E 08/12
13
TOP264-271
www.powerint.com
Typical Uses of VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pins
PI-4717-120307
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
4 M
Ω
R
LS
VUV = IUV × RLS + VV (IV = IUV)
VOV = IOV × RLS + VV (IV = IOV)
For RLS = 4 MΩ
VUV = 102.8 VDC
VOV = 451 VDC
DCMAX@100 VDC = 76%
DCMAX@375 VDC = 41%
PI-4719-120307
DC
Input
Voltage
Sense Output Voltage
+
-
D
V
S
C
VUV = IUV × RLS + VV (IV = IUV)
VOV = IOV × RLS + VV (IV = IOV)
For RLS = 4 MΩ
VUV = 102.8 VDC
VOV = 451 VDC
DCMAX @ 100 VDC = 76%
DCMAX @ 375 VDC = 41%
CONTROL
RLS
4 M
Ω
R
OVP >3kΩ
VROVP
ROVP
Figure 14. Line-Sensing for Undervoltage, Overvoltage and Line Feed-Forward.
Figure 15. Line-Sensing for Undervoltage, Overvoltage, Line Feed-Forward and
Hysteretic Output Overvoltage Protection.
Figure 13. Three Terminal Operation (VOLTAGE MONITOR and EXTERNAL
CURRENT LIMIT Features Disabled. FREQUENCY Pin Tied to
SOURCE or CONTROL Pin.)
X
F
DC
Input
Voltage
+
-
D
C
D C
S
S D
S
C
CONTROL
V
V X C S
F
D
PI-6119-061011
E Package
(eSIP-7C)
V Package (eDIP-12)
1 V
2 X
3 C
4 F
6 D
S 12
S 11
S 10
S 9
S 8
S 7
D
C
S
K Package (eSOP-12)
S 12
S 11
S 10
S 9
S 8
S 7
1 V
2 X
3 C
4 F
6 D
PI-4720-120307
DC
Input
Voltage
+
-
D
V
S
C
VUV = RLS × IUV + VV (IV = IUV)
For Values Shown
VUV = 103.8 VDC
RLS
6.2 V
4 M
Ω
40 k
Ω
CONTROL
PI-4721-120307
DC
Input
Voltage
+
-
D
S
C
CONTROL
V
4 M
Ω
55 k
Ω
RLS
1N4148
VOV = IOV × RLS + VV (IV = IOV)
For Values Shown
VOV = 457.2 VDC
Figure 16. Line-Sensing for Undervoltage Only (Overvoltage Disabled).
Figure 17. Line-Sensing for Overvoltage Only (Undervoltage Disabled). Maximum
Duty Cycle Reduced at Low-Line and Further Reduction with
Increasing Line Voltage.
Figure 18. External Set Current Limit.
X
PI-5580-111210
DC
Input
Voltage
+
-
D
S
C
RIL
For RIL = 12 kΩ
ILIMIT = 61%
See Figure 37 for other
resistor values (RIL).
For RIL = 19 kΩ
ILIMIT = 37%
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com