Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNB10N07 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNB10N07
Description  FULLY AUTOPROTECTED POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB10N07 Datasheet(HTML) 2 Page - STMicroelectronics

  VNB10N07 Datasheet HTML 1Page - STMicroelectronics VNB10N07 Datasheet HTML 2Page - STMicroelectronics VNB10N07 Datasheet HTML 3Page - STMicroelectronics VNB10N07 Datasheet HTML 4Page - STMicroelectronics VNB10N07 Datasheet HTML 5Page - STMicroelectronics VNB10N07 Datasheet HTML 6Page - STMicroelectronics VNB10N07 Datasheet HTML 7Page - STMicroelectronics VNB10N07 Datasheet HTML 8Page - STMicroelectronics VNB10N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
PowerSO-10
D2PAK
SOT-82FM
ISOWATT220
VDS
Drain-source Voltage (Vin = 0)
Internally Clamped
V
Vin
Input Voltage
18
V
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
-14
A
Vesd
Electrostatic Discharge (C= 100 pF,
R=1.5 K
Ω)
2000
V
Ptot
Total Dissipation at Tc = 25
oC
50
9.5
31
W
Tj
Operating Junction Temperature
Internally Limited
oC
Tc
Case Operating Temperature
Internally Limited
oC
Tstg
Storage Temperature
-55 to 150
oC
THERMAL DATA
ISOWATT220
PowerSO-10
SOT82-FM
D2PAK
Rthj-case Thermal Resistance
Junction-case
Max
4
2.5
13
2.5
oC/W
Rthj-amb
Thermal Resistance
Junction-ambient
Max
62.5
50
100
62.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-source Clamp
Voltage
ID = 200 mA
Vin = 0
607080
V
VCLTH
Drain-source Clamp
Threshold Voltage
ID = 2 mA
Vin = 0
55
V
VINCL
Input-Source Reverse
Clamp Voltage
Iin = -1 mA
-1
-0.3
V
IDSS
Zero Input Voltage
Drain Current (Vin = 0)
VDS = 13 V
Vin = 0
VDS = 25 V
Vin = 0
50
200
µA
µA
IISS
Supply Current from
Input Pin
VDS = 0 V
Vin = 10 V
250
500
µA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN(th)
Input Threshold
Voltage
VDS = Vin
ID + Iin = 1 mA
0.8
3
V
RDS(on)
Static Drain-source On
Resistance
Vin = 10 V
ID = 5 A
Vin = 5 V
ID = 5 A
0.1
0.14
Ω
Ω
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com