Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNB10N07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNB10N07
Description  FULLY AUTOPROTECTED POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB10N07 Datasheet(HTML) 3 Page - STMicroelectronics

  VNB10N07 Datasheet HTML 1Page - STMicroelectronics VNB10N07 Datasheet HTML 2Page - STMicroelectronics VNB10N07 Datasheet HTML 3Page - STMicroelectronics VNB10N07 Datasheet HTML 4Page - STMicroelectronics VNB10N07 Datasheet HTML 5Page - STMicroelectronics VNB10N07 Datasheet HTML 6Page - STMicroelectronics VNB10N07 Datasheet HTML 7Page - STMicroelectronics VNB10N07 Datasheet HTML 8Page - STMicroelectronics VNB10N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS = 13 V
ID = 5 A
6
8
S
Coss
Output Capacitance
VDS = 13 V
f = 1 MHz
Vin = 0
350
500
pF
SWITCHING (**)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 5 A
Vgen = 10 V
Rgen = 10
Ω
(see figure 3)
50
80
230
100
100
160
400
180
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 5 A
Vgen = 10 V
Rgen = 1000
Ω
(see figure 3)
600
0.9
3.8
1.7
900
2
6
2.5
ns
µs
µs
µs
(di/dt)on
Turn-on Current Slope
VDD = 15 V
ID = 5 A
Vin = 10 V
Rgen = 10
Ω
60
A/
µs
Qi
Total Input Charge
VDD = 12 V
ID = 5 A
Vin = 10 V
30
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD (
∗)
Forward On Voltage
ISD = 5 A
Vin = 0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 5 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 25
oC
(see test circuit, figure 5)
125
0.3
4.8
ns
µC
A
PROTECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
7
7
10
10
14
14
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin = 10 V
Vin = 5 V
20
50
30
80
µs
µs
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗)
Overtemperature Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
50
20
mA
mA
Eas (
∗∗)
Single Pulse
Avalanche Energy
starting Tj = 25
oC
VDD = 20 V
Vin = 10 V
Rgen = 1 K
Ω L = 10 mH
0.4
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com