Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4013BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4013BMS
Description  CMOS Dual ‘D’-Type Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4013BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4013BMS Datasheet HTML 1Page - Intersil Corporation CD4013BMS Datasheet HTML 2Page - Intersil Corporation CD4013BMS Datasheet HTML 3Page - Intersil Corporation CD4013BMS Datasheet HTML 4Page - Intersil Corporation CD4013BMS Datasheet HTML 5Page - Intersil Corporation CD4013BMS Datasheet HTML 6Page - Intersil Corporation CD4013BMS Datasheet HTML 7Page - Intersil Corporation CD4013BMS Datasheet HTML 8Page - Intersil Corporation CD4013BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7-65
Specifications CD4013BMS
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay Clock
to Q, Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
130
ns
VDD = 15V
1, 2, 3
+25oC
-
90
ns
Propagation Delay
Set to Q Reset to Q
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
170
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Propagation Delay
Set to Q Reset to Q
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
130
ns
VDD = 15V
1, 2, 3
+25oC
-
90
ns
Transition Time
Clock to Q, Q
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
8
-
MHz
VDD = 15V
1, 2, 3
+25oC
12
-
MHz
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
40
ns
VDD = 10V
1, 2, 3
+25oC
-
20
ns
VDD = 15V
1, 2, 3
+25oC
-
15
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
140
ns
VDD = 10V
1, 2, 3
+25oC
-
60
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Set or Reset
Pulse Width
TW
VDD = 5V
2, 3
+25oC
-
180
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
50
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC
-
7.5
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com