Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4013BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4013BMS
Description  CMOS Dual ‘D’-Type Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4013BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4013BMS Datasheet HTML 1Page - Intersil Corporation CD4013BMS Datasheet HTML 2Page - Intersil Corporation CD4013BMS Datasheet HTML 3Page - Intersil Corporation CD4013BMS Datasheet HTML 4Page - Intersil Corporation CD4013BMS Datasheet HTML 5Page - Intersil Corporation CD4013BMS Datasheet HTML 6Page - Intersil Corporation CD4013BMS Datasheet HTML 7Page - Intersil Corporation CD4013BMS Datasheet HTML 8Page - Intersil Corporation CD4013BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-62
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4013BMS
CMOS Dual ‘D’-Type Flip-Flop
Pinout
Functional Diagram
Q1
Q1
CLOCK 1
RESET 1
D1
SET 1
VSS
VDD
Q2
Q2
CLOCK 2
RESET 2
D2
SET 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
F/F1
F/F2
2
Q1
Q1
12
13
Q2
Q2
VSS
7
RESET 2
10
11
CLOCK 2
D2
9
SET 2
8
RESET 1
4
CLOCK 1
3
D1
5
6
SET 1
VDD
14
1
Features
• High-Voltage Type (20V Rating)
• Set-Reset Capability
• Static Flip-Flop Operation - Retains State Indefinitely
With Clock Level Either “High” Or “Low”
• Medium-Speed Operation - 16 MHz (typ.) Clock Toggle
Rate at 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Registers
• Counters
• Control Circuits
Description
CD4013BMS consists of two identical, independent data
type flip-flops. Each flip-flop has independent data, set,
reset, and clock inputs and Q and Q outputs. These devices
can be used for shift register applications, and, by
connecting Q output to the data input, for counter and toggle
applications. The logic level present at the D input is
transferred to the Q output during the positive going
transition of the clock pulse. Setting or resetting is
independent of the clock and is accomplished by a high level
on the set or reset line, respectively.
The CD4013BMS is supplied in these 14 lead outline pack-
ages:
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
December 1992
File Number
3080


Similar Part No. - CD4013BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
CMOS Dual ‘D’-Type Flip-Flop
December 1992
More results

Similar Description - CD4013BMS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
145Kb / 9P
LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
CMOS DUAL D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
CMOS Dual D - Type Flip-Flop
CD4013B TI1-CD4013B_15 Datasheet
1Mb / 17P
CMOS Dual D-type Flip Flop
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
CMOS Dual ‘D’-Type Flip-Flop
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com