Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4033BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4033BMS
Description  CMOS Decade Counter/Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4033BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4033BMS Datasheet HTML 2Page - Intersil Corporation CD4033BMS Datasheet HTML 3Page - Intersil Corporation CD4033BMS Datasheet HTML 4Page - Intersil Corporation CD4033BMS Datasheet HTML 5Page - Intersil Corporation CD4033BMS Datasheet HTML 6Page - Intersil Corporation CD4033BMS Datasheet HTML 7Page - Intersil Corporation CD4033BMS Datasheet HTML 8Page - Intersil Corporation CD4033BMS Datasheet HTML 9Page - Intersil Corporation CD4033BMS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
7-831
Specifications CD4033BMS
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9(
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
PART NUMBER
Static Burn-In 1
(Note 1)
4 - 7, 9 - 14
1 - 3, 8, 15
16
Static Burn-In 2
(Note 1)
1, 2, 14, 15
3 - 6, 8, 10 - 13
7, 9, 16
Dynamic Burn-
In (Note 1)
-
2, 8, 15
3, 16
4 - 7, 9 - 13
1
Irradiation
(Note 2)
4 - 7, 9 - 14
8
1 - 3, 15, 16
PART NUMBER CD4033BMS
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com