Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4033BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4033BMS
Description  CMOS Decade Counter/Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4033BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4033BMS Datasheet HTML 3Page - Intersil Corporation CD4033BMS Datasheet HTML 4Page - Intersil Corporation CD4033BMS Datasheet HTML 5Page - Intersil Corporation CD4033BMS Datasheet HTML 6Page - Intersil Corporation CD4033BMS Datasheet HTML 7Page - Intersil Corporation CD4033BMS Datasheet HTML 8Page - Intersil Corporation CD4033BMS Datasheet HTML 9Page - Intersil Corporation CD4033BMS Datasheet HTML 10Page - Intersil Corporation CD4033BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7-834
CD4033BMS
FIGURE 10. TYPICAL MAXIMUM CLOCK INPUT FREQUENCY
AS A FUNCTION OF SUPPLY VOLTAGE
FIGURE 11. TYPICAL POWER DISSIPATION AS A FUNCTION
OF CLOCK INPUT FREQUENCY
Light Emitting Diode Displays
FIGURE 12. INTERFACING THE CD4033BMS WITH COMMERCIALLY
AVAILABLE LIGHT EMITTING DIODE DISPLAYS
Typical Performance Characteristics (Continued)
20
15
10
5
0
2
4
6
8
10
12
14
16
AMBIENT TEMPERATURE (TA) = +25
oC
tr = tf = 20ns
SUPPLY VOLTAGE (VDD) (V)
110
102
103
104
105
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
2
INPUT PULSE FREQUENCY (fCL) (MHz)
105
104
103
102
10
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
15V
10V
10V
(CL) = 15pF
LOAD CAPACITANCE (CL) = 50pF
CD4033BMS
7
SEGMENTS
A
G
MAN 3
A
IB
VDD
1/7 CA3082
OR EQUIVALENT
G
IB
R
R
IF
G
A
CLOCK
INHIBIT
RESET
MONSANTO MAN 3
OR EQUIVALENT
(LOW POWER)
VDD
≥ 3.5V
IF
≈ 5mA/SEGMENT
100% DUTY CYCLE
VP - VBE - VF(LED)
ILED
WHERE VP = INPUT PULSE
VF = FORWARD DROP
ACROSS DIODE
VDD
VSS
R =
CD4033BMS
7
SEGMENTS
A
G
MAN 1
A
IB
VDD
1/7 CA3082
OR EQUIVALENT
G
IB
R
R
IF
G
A
CLOCK
INHIBIT
RESET
MONSANTO MAN 1
OR EQUIVALENT
VDD 5V (MIN)
IB 0.4mA
IF 12mA/Seg.(100% DUTY CYCLE)
bdc(MIN) 30
ILED
WHERE VF = FORWARD DROP ACROSS DIODE
R
R
VCE(SAT) £ 0.5V
VDD - VCE(sat)-VF(LED)
VDD
VSS
R =



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com