Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4047BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4047BMS
Description  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4047BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4047BMS Datasheet HTML 3Page - Intersil Corporation CD4047BMS Datasheet HTML 4Page - Intersil Corporation CD4047BMS Datasheet HTML 5Page - Intersil Corporation CD4047BMS Datasheet HTML 6Page - Intersil Corporation CD4047BMS Datasheet HTML 7Page - Intersil Corporation CD4047BMS Datasheet HTML 8Page - Intersil Corporation CD4047BMS Datasheet HTML 9Page - Intersil Corporation CD4047BMS Datasheet HTML 10Page - Intersil Corporation CD4047BMS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7-903
CD4047BMS
TABLE 9. FUNCTIONAL TERMINAL CONNECTIONS
In all cases External resistor between terminals 2 and 3 (Note 1)
External capacitor between terminals 1 and 3 (Note 1)
FUNCTION
TERMINAL CONNECTIONS
OUTPUT PULSE
FROM
OUTPUT PERIOD OR PULSE
WIDTH
TO VDD
TO VSS
INPUT TO
ASTABLE MULTIVIBRATOR
Free Running
4, 5, 6, 14
7, 8, 9, 12
-
10, 11, 13
TA (10, 11) = 4.40 RC
True Gating
4, 6, 14
7, 8, 9, 12
5
10, 11, 13
TA (13) = 2.20 RC (Note 2)
Complement Gating
6, 14
5, 7, 8, 9, 12
4
10, 11, 13
MONOSTABLE MULTIVIBRATOR
Positive Edge Trigger
4, 14
5, 6, 7, 9, 12
8
10, 11
tM (10, 11) = 2.48 RC
Negative Edge Trigger
4, 8, 14
5, 7, 9, 12
6
10, 11
Retriggerable
4, 14
5, 6, 7, 9
8, 12
10, 11
External Countdown (Note 3)
14
5, 6, 7, 8, 9, 12
-
10, 11
NOTES:
1. See text.
2. First positive 1/2 cycle pulse width = 2.48 RC. See note follow Monostable Mode Design Information.
3. Input Pulse to Reset of External Counting Chip External Counting Chip Output to Terminal 4.
Logic Diagrams
FIGURE 1. CD4047BMS LOGIC BLOCK DIAGRAM
Q
Q
10
11
OSCILLATOR OUT
LOW POWER
ASTABLE
MULTIVIBRATOR
FREQUENCY
DIVIDER (
÷2)
ASTABLE
GATE
CONTROL
MONOSTABLE
CONTROL
RETRIGGER
CONTROL
13
2
1
3
R-TIMING
C-TIMING
RC
COMMON
R
C
-TRIGGER
ASTABLE
+TRIGGER
RETRIGGER
EXTERNAL
RESET
ASTABLE
12
9
8
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com