Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4047BMS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CD4047BMS
Description  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4047BMS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CD4047BMS Datasheet HTML 7Page - Intersil Corporation CD4047BMS Datasheet HTML 8Page - Intersil Corporation CD4047BMS Datasheet HTML 9Page - Intersil Corporation CD4047BMS Datasheet HTML 10Page - Intersil Corporation CD4047BMS Datasheet HTML 11Page - Intersil Corporation CD4047BMS Datasheet HTML 12Page - Intersil Corporation CD4047BMS Datasheet HTML 13Page - Intersil Corporation CD4047BMS Datasheet HTML 14Page - Intersil Corporation CD4047BMS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
7-907
CD4047BMS
FIGURE 16. TYP. ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE (MEDIUM
FREQ.)
FIGURE 17. TYP. ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE (HIGH
FREQ.)
FIGURE 18. TYPICAL ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE
FIGURE 19. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
FIGURE 20. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
FIGURE 21. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
Typical Performance Characteristics (Continued)
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
2
CX = 0.01
µF
RX = 100k
Ω
SUPPLY VOLTAGE (VDD) = 5V, 10V
5V AND 10V
1
0
-1
-2
15V
15V
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
12
CX = 1000pF
RX = 10k
Ω
10V AND 15V
5V
10V, 15V
10
8
6
4
2
0
-2
-4
SUPPLY VOLTAGE (VDD) = 5V
-35
-5
45
85
125
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
-10
RX = 10k
Ω
SUPPLY VOLTAGE (VDD) = 5V
0
10
20
100pF
0.001
µF
0.01
µF, 0.1µF, 1µF
0.001
µF
CX = 100pF
0.01
µF, 0.1µF, 1µF
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 1
µF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
1k
Ω
10k
Ω
RX = 100k
Ω, 1MΩ, 10MΩ
100k
Ω
1k
Ω
10k
Ω, 1MΩ AND 10MΩ
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 0.1
µF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
10M
Ω
10k
Ω, 100kΩ, 1MΩ AND 10MΩ
RX = 10k
Ω, 100kΩ, 1MΩ
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 1000pF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
RX = 1M
Ω AND 10Ω
100k
Ω
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com