Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4050BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4050BMS
Description  CMOS Hex Buffer/Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4050BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD4050BMS Datasheet HTML 1Page - Intersil Corporation CD4050BMS Datasheet HTML 2Page - Intersil Corporation CD4050BMS Datasheet HTML 3Page - Intersil Corporation CD4050BMS Datasheet HTML 4Page - Intersil Corporation CD4050BMS Datasheet HTML 5Page - Intersil Corporation CD4050BMS Datasheet HTML 6Page - Intersil Corporation CD4050BMS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-6
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. TYPICAL VOLTAGE TRANSFER CHARACTERIS-
TICS AS A FUNCTION OF TEMPERATURE
FIGURE 8. TYPICAL POWER DISSIPATION vs FREQUENCY
CHARACTERISTICS
FIGURE 9. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER
Typical Performance Characteristics (Continued)
10V
15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
0
30
20
10
40
50
60
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
1
2
3
4
56
78
70
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
-15V
10
9
8
7
6
5
4
3
2
1
0
1
2
3
456
78
9
10
INPUT VOLTAGE (VI) (V)
SUPPLY VOLTAGE (VCC) = 10V
AMBIENT TEMP (TA)
= -55oC
VCC = 5V
+125oC
+125oC
-55oC
5V
10V
8
6
4
28
6
4
22
INPUT FREQUENCY (f) (kHz)
102
103
104
105
8
6
4
28
6
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
105
SUPPLY VOLTAGE
(VDD) = 15V
AMBIENT TEMPERATURE (TA)
= +25oC
10
10V
CL = 15pF (11pF FIXTURE + 4pF EXT
LOAD CAPACITANCE (CL) = 50pF
(11pF FIXTURE + 39pF EXT)
INPUT RISE AND FALL TIME (tr, tf) (ns)
102
103
104
105
103
102
10
1
104
10
105
106
106
107
108
SUPPLY VOLTAGE (VCC) = 5V
FREQUENCY (f) = 10KHz
15V; 1KHz
15V; 100KHz
15V; 1MHz
10V; 100KHz
15V; 10KHz
10V; 10KHz
AMBIENT TEMPERATURE (TA) = +25
oC
CD4050BMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com