Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4050BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4050BMS
Description  CMOS Hex Buffer/Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4050BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD4050BMS Datasheet HTML 1Page - Intersil Corporation CD4050BMS Datasheet HTML 2Page - Intersil Corporation CD4050BMS Datasheet HTML 3Page - Intersil Corporation CD4050BMS Datasheet HTML 4Page - Intersil Corporation CD4050BMS Datasheet HTML 5Page - Intersil Corporation CD4050BMS Datasheet HTML 6Page - Intersil Corporation CD4050BMS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-3
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1, 2)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL
VDD = 5V, VIN = VDD or GND
9
+25oC
-
110
ns
10, 11
+125oC, -55oC
-
149
ns
Propagation Delay
TPLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
140
ns
10, 11
+125oC, -55oC
-
189
ns
Transition Time
TTHL
VDD = 5V, VIN = VDD or GND
9
+25oC
-
60
ns
10, 11
+125oC, -55oC
-
81
ns
Transition Time
TTLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
160
ns
10, 11
+125oC, -55oC
-
216
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
1
µA
+125oC-
30
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC-
60
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC
-
120
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC, -
55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC, -
55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC, -
55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC, -
55oC
9.95
-
V
Output Current (Sink)
IOL4
VDD = 4.5V, VOUT = 0.4V
1, 2
+125oC
1.8
-
mA
-55oC
3.3
-
mA
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
2.4
-
mA
-55oC
4.0
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
5.6
-
mA
-55oC10
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC18
-
mA
-55oC26
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.48
mA
-55oC
-
-0.81
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.55
mA
-55oC
-
-2.6
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-1.18
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-3.1
mA
-55oC
-
-5.2
mA
CD4050BMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com