Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069UBMS Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD4069UBMS
Description  CMOS Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4069UBMS Datasheet(HTML) 5 Page - Intersil Corporation

  CD4069UBMS Datasheet HTML 1Page - Intersil Corporation CD4069UBMS Datasheet HTML 2Page - Intersil Corporation CD4069UBMS Datasheet HTML 3Page - Intersil Corporation CD4069UBMS Datasheet HTML 4Page - Intersil Corporation CD4069UBMS Datasheet HTML 5Page - Intersil Corporation CD4069UBMS Datasheet HTML 6Page - Intersil Corporation CD4069UBMS Datasheet HTML 7Page - Intersil Corporation CD4069UBMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
468
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Specifications CD4069UBMS
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
(Note 1)
2, 4, 6, 8, 10, 12
1, 3, 5, 7, 9, 11,
13
14
Static Burn-In 2
(Note 1)
2, 4, 6, 8, 10, 12
7
1, 3, 5, 9, 11, 13,
14
Dynamic Burn-In
(Note 1)
-
7
14
2, 4, 6, 8, 10, 12
1, 3, 5, 9, 11, 13
Irradiation
(Note 2)
2, 4, 6, 8, 10, 12
7
1, 3, 5, 9, 11, 13,
14
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
Typical Performance Characteristics
FIGURE 2. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 3. TYPICAL VOLTAGE TRANSFER CHARACTERIS-
TICS AS A FUNCTION OF TEMPERATURE
TABLE 6. APPLICABLE SUBGROUPS
(Continued)
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
AMBIENT TEMPERATURE (TA) = +25
oC
VI
VO
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
15.0
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
INPUT VOLTAGE (VI) (V)
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
15.0
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
INPUT VOLTAGE (VI) (V)
17.5
17.5
20.0
-55oC
-55oC
-55oC
+125oC
AMBIENT TEMPERATURE (TA)
= +125oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com