Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069UBMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4069UBMS
Description  CMOS Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4069UBMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4069UBMS Datasheet HTML 1Page - Intersil Corporation CD4069UBMS Datasheet HTML 2Page - Intersil Corporation CD4069UBMS Datasheet HTML 3Page - Intersil Corporation CD4069UBMS Datasheet HTML 4Page - Intersil Corporation CD4069UBMS Datasheet HTML 5Page - Intersil Corporation CD4069UBMS Datasheet HTML 6Page - Intersil Corporation CD4069UBMS Datasheet HTML 7Page - Intersil Corporation CD4069UBMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-464
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4069UBMS
CMOS Hex Inverter
Pinout
CD4069UBMS
TOP VIEW
Functional Diagram
A
G = A
B
H = B
C
I = C
VSS
VDD
F
L = F
E
K = E
D
J = D
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VSS = 7
VDD = 14
A
12
G = A
F
13
12
L = F
B
34
H = B
C
56
I = C
D
98
J = D
E
11
10
K = E
Features
• High Voltage Types (20V Rating)
• Standardized Symmetrical Output Characteristics
• Medium Speed Operation: tPHL, tPLH = 30ns (typ) at
10V
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Logic Inversion
• Pulse Shaping
• Oscillators
• High-Input-Impedance Amplifiers
Description
CD4069UBMS types consist of six CMOS inverter circuits.
These devices are intended for all general-purpose inverter
applications where the medium-power TTL-drive and logic-
level conversion capabilities of circuits such as the CD4009
and CD4049 Hex Inverter/Buffers are not required.
The CD4069UBMS is supplied in these 14 lead outline pack-
ages:
Braze Seal DIP
H4H
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
December 1992
File Number
3321
Schematic Diagram
FIGURE 1. SCHEMATIC DIAGRAM OF 1 OF 6 IDENTICAL INVERTERS
VDD
VSS
G = A
G
2(4, 6, 8, 10, 12)
A
1(3, 5, 9, 11, 13)
VDD


Similar Part No. - CD4069UBMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
CMOS Hex Inverter
December 1992
More results

Similar Description - CD4069UBMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
3.3V CMOS HEX INVERTER
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
CMOS Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
CMOS Hex Inverter
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
CMOS Hex Inverter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com