Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4089BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4089BMS
Description  CMOS Binary Rate Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4089BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4089BMS Datasheet HTML 1Page - Intersil Corporation CD4089BMS Datasheet HTML 2Page - Intersil Corporation CD4089BMS Datasheet HTML 3Page - Intersil Corporation CD4089BMS Datasheet HTML 4Page - Intersil Corporation CD4089BMS Datasheet HTML 5Page - Intersil Corporation CD4089BMS Datasheet HTML 6Page - Intersil Corporation CD4089BMS Datasheet HTML 7Page - Intersil Corporation CD4089BMS Datasheet HTML 8Page - Intersil Corporation CD4089BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-1067
Specifications CD4089BMS
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Clock to Out
TPHL4
TPLH4
VDD = 5V
1, 2, 3
+25oC
-
220
ns
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
90
ns
Propagation Delay
Clock to Out
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
150
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Propagation Delay
Clock to Inhibit Out
TPHL5
VDD = 5V
1, 2, 3
+25oC
-
720
ns
VDD = 10V
1, 2, 3
+25oC
-
320
ns
VDD = 15V
1, 2, 3
+25oC
-
220
ns
Propagation Delay
Clock to Inhibit Out
TPLH5
VDD = 5V
1, 2, 3
+25oC
-
500
ns
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
150
ns
Propagation Delay
Clear to Out
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
350
ns
VDD = 15V
1, 2, 3
+25oC
-
260
ns
Propagation Delay
Cascade to Out
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
70
ns
Propagation Delay
Clock to “9” or “15” Out
TPHL6
TPLH6
VDD = 5V
1, 2, 3
+25oC
-
600
ns
VDD = 10V
1, 2, 3
+25oC
-
250
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Propagation Delay
Inhibit In to Inhibit Out
TPHL7
TPLH7
VDD = 5V
1, 2, 3
+25oC
-
320
ns
VDD = 10V
1, 2, 3
+25oC
-
150
ns
VDD = 15V
1, 2, 3
+25oC
-
110
ns
Propagation Delay Set
to Out
TPHL8
TPLH8
VDD = 5V
1, 2, 3
+25oC
-
660
ns
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
220
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
2.5
-
MHz
VDD = 15V
1, 2, 3
+25oC
3.5
-
MHz
Minimum Inhibit-In Setup
Time
TSU
VDD = 5V
1, 2, 3
+25oC
-
100
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
20
ns
Minimum Inhibit-In
Removal Time
TREM
VDD = 5V
1, 2, 3
+25oC
-
240
ns
VDD = 10V
1, 2, 3
+25oC
-
130
ns
VDD = 15V
1, 2, 3
+25oC
-
110
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
330
ns
VDD = 10V
1, 2, 3
+25oC
-
170
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Maximum Clock Rise and
Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 4
+25oC-
15
µs
VDD = 10V
1, 2, 3, 4
+25oC-
15
µs
VDD = 15V
1, 2, 3, 4
+25oC-
15
µs
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com