Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4089BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4089BMS
Description  CMOS Binary Rate Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4089BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4089BMS Datasheet HTML 1Page - Intersil Corporation CD4089BMS Datasheet HTML 2Page - Intersil Corporation CD4089BMS Datasheet HTML 3Page - Intersil Corporation CD4089BMS Datasheet HTML 4Page - Intersil Corporation CD4089BMS Datasheet HTML 5Page - Intersil Corporation CD4089BMS Datasheet HTML 6Page - Intersil Corporation CD4089BMS Datasheet HTML 7Page - Intersil Corporation CD4089BMS Datasheet HTML 8Page - Intersil Corporation CD4089BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7-1064
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4089BMS
CMOS Binary Rate Multiplier
conjunction with an up/down counter and control logic used
to perform arithmetic operations (adds, subtract, divide, raise
to a power), solve algebraic and differential equations,
generate natural logarithms and trigometric functions, A/D
and D/A conversions, and frequency division.
For words of more than 4 bits, CD4089BMS devices may be
cascaded in two different modes: an Add mode and a Multi-
ply mode (see Figures 3 and 4). In the Add mode some of
the gaps left by the more significant unit at the count of 15
are filled in by the less significant units. For example, when
two units are cascaded in the Add mode and programmed to
11 and 13, respectively, the more significant unit will have 11
output pulses for every 16 input pulses and the other unit will
have 13 output pulses for every 256 input pulses for a total of
In the Multiply mode the fraction programmed into the first
rate multiplier is multiplied by the fraction programmed into
the second multiplier. Thus the output rate will be
The CD4089BMS has an internal synchronous 4 bit counter
which, together with one of the four binary input bits, pro-
duces pulse trains as shown in Figure 6.
If more than one binary input bit is high, the resulting pulse
train is a combination of the separate pulse trains as shown
in Figure 6.
The CD4089BMS is supplied in these 16-lead outline packages:
11
+
13
=
189
16
256
256
11
x
13
=
143
16
16
256
Braze Seal DIP
H4W
Frit Seal DIP
H2R
Ceramic Flatpack
H6P
Features
• High Voltage Type (20V Rating)
• Cascadable in Multiples of 4 Bits
• Set to “15” Input and “15” Detect Output
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Numerical Control
• Instrumentation
• Digital Filtering
• Frequency Synthesis
Description
CD4089BMS is a low power 4 bit digital rate multiplier that
provides an output pulse rate that is the clock-input-pulse
rate multiplied by 1/16 times the binary input. For example,
when the binary input number is 13, there will be 13 output
pulses for every 16 input pulses. This device may be used in
December 1992
File Number
3329
Pinout
CD4089BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
“15” OUT
C
D
SET TO “15”
OUT
OUT
VSS
INHIBIT OUT (CARRY)
VDD
A
CLEAR
CASCADE
INHIBIT IN (CARRY)
STROBE
CLOCK
B
Functional Diagram
INHIBIT
(CARRY) IN
SET TO
“15”
CLEAR
13
4
11
CLOCK
9
4 BIT
BINARY
COUNTER
7
INHIBIT (CARRY) OUT
1
“15” OUT
A
14
B
15
C
2
D
3
10
12
CASCADE
STROBE
BINARY RATE
SELECT INPUTS
RATE
SELECT
LOGIC
OUT
OUT
RATE
OUTPUTS
6
5
VDD = 16
VSS = 8


Similar Part No. - CD4089BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089B TI2-CD4089B Datasheet
837Kb / 19P
CMOS Binary Rate Multiplier
Revised July 2003
CD4089B-MIL TI-CD4089B-MIL Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
More results

Similar Description - CD4089BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
BINARY RATE MULTIPLIER
Jun-1989
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
logo
Intersil Corporation
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
CMOS BCD Rate Multiplier
December 1992
logo
STMicroelectronics
HCF4089B STMICROELECTRONICS-HCF4089B_02 Datasheet
573Kb / 11P
BINARY RATE MULTIPLIER
Sep-2002
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com