Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4536BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4536BMS Datasheet HTML 2Page - Intersil Corporation CD4536BMS Datasheet HTML 3Page - Intersil Corporation CD4536BMS Datasheet HTML 4Page - Intersil Corporation CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation CD4536BMS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
7-1241
Specifications CD4536BMS
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
4, 5, 13
1-3, 6-12, 14, 15
16
Static Burn-In 2
Note 1
4, 5, 13
8
1-3, 6, 7, 9-12,
14-16
Dynamic Burn-
In Note 1
-
1, 2, 6-8, 14, 15
9-12, 16
4, 5, 13
3
Irradiation
Note 2
4, 5, 13
8
1-3, 6, 7, 9-12,
14-16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V ± 0.5V
Logic Diagram
FIGURE 1.
RESET *
2
SET *
1
S
CLDIS
CL
R
Q
FF25
CLOCK
*
7
p
n
p
n
8-BYPASS
6 *
R
φ
Q
Q
φ
R
φ
Q
Q
φ
R
CL
Q
Q
D
R
CL
Q
Q
CLEN
FF1
FF2
FF3
FF8
INH
OSC
*
14
INH
*
3
IN 1
*
4
OUT 1
*
5
OUT 2
RS
RT
CT
G
F
E
D
C
B
A
NOTE: f
≈
1
3RT CT
, RS
≈ (5 → 10) x RT
CL
VDD
VSS
*INPUTS PROTECTED BY CMOS
PROTECTION NETWORK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com