Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B92G Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9B92G
Description  RAM Mapping 40x4 LCD Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9B92G Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev. 1.00
1
April 18, 2014
Rev. 1.00
PB
April 18, 2014
HT9B92G
RAM Mapping 40×4 LCD Driver
Feature
• LogicOperatingVoltage:2.4V~5.5V
• Integratedoscillatorcircuitry
• Bias:1/2or1/3;Duty:1/4
• InternalLCDbiasgenerationwithvoltage-follower
buffers
• ExternalVLCDpintosupplyLCDoperating
voltage
• SupportI2C-busserialinterface
• SelectableLCDFrameFrequencies
• Upto40x4bitsRAMfordisplaydatastorage
• MaximumDisplaypatterns:40x4patterns-40
segmentsand4commons
• Versatileblinkingmodes:off,0.5Hz,1Hz,2Hz
• Writeaddressauto-increment
• SupportPowerSaveModeforlowpower
consumption
• ManufacturedinsilicongateCMOSprocess
• PackageType:COGandchip
Applications
• Leisureproducts
• Games
• Telephonedisplay.
• AudioCombodisplay
• VideoPlayerdisplay
• KitchenAppliancedisplay
• Measurementequipmentdisplay
• Householdappliance
• Consumerelectronics
General Description
Thedeviceisamemorymappingandmulti-function
LCD controller driver. The maximum display
segmentsofthedeviceare160patterns(40segments
and4commons)display.Thesoftwareconfiguration
featureoftheHT9B92Gdevicemakesitsuitablefor
multipleLCDapplicationsincludingLCDmodules
anddisplaysubsystems.Thedevicecommunicates
withmostmicroprocessors/microcontrollersviaa
two-wirebidirectionalI2C-businterface.


Similar Part No. - HT9B92G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
More results

Similar Description - HT9B92G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
RAM Mapping 20*4 / 16*8 LCD Driver Controller
November 22, 2011
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
RAM Mapping 32x4 LCD Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
RAM Mapping 52*4 / 48*8 LCD Driver
November 16, 2011
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
RAM Mapping 39횞8 / 43횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
RAM Mapping 116횞2 LCD Driver
December 20, 2016
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
240횞2 RAM Mapping LCD Driver
November 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com