Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B92G Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9B92G
Description  RAM Mapping 40x4 LCD Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9B92G Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Rev. 1.00
16
April 18, 2014
HT9B92G
Drive Mode Setting Command
ThiscommandisusedtocontroltheLCDbiasanddisplayon/off.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
Bias and Display on/off setting
C
1
0
X
P3 P2
X
X
—
Note:
P2
Bias
0
1/3 bias (default)
1
1/2 bias
P3
LCD Display On/Off
0
Off (default)
1
On
● Power on status: The 1/3 bias drive mode is selected and the LCD display is switched off.
● If the programmed command is not defined, the function will not be affected.
Display Control Command
ThiscommandisusedtoselecttheCurrentmodeaccordingtothecharacteristicsoftheLCDpanelforachieving
highdisplayqualityandLCDdriveroutputwaveformsetandframefrequencyselect.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
Display Control Setting
C
0
1
P4
P3
P2
P1
P0
—
Note:
P [1:0]
Power Save Mode
Current Consumption
Remark
00
Low Current2 Mode
x 0.5
● The data listed here is for reference only. The
actual data depends upon the panel load.
● Please meet the condition: VDD−VLCD≥3V when
used in High current mode.
01
Low Current1 Mode
x 0.67
10
Normal Current Mode
x 1 (default)
11
High Current Mode
x 1.8
P2
LCD Driver Output Waveform
Remark
0
A Type inversion (default)
1
B Type inversion
P [4:3] Frame Frequency @VDD=3.3V (Hz)
Remark
00
80 (default)
● The data listed here is for reference only. The actual data
depends upon the panel load.
● Please meet the condition: VDD−VLCD≥3V when used in
High current mode.
01
71
10
64
11
53
● The setting of the frame frequency, LCD output waveform and current mode will influence the display image
qualities. Please select a proper display setting suitable for the current consumption and display image quality
with LCD panel.
Mode
Flicker
Image Quality/Contrast
Frame Frequency
O
LCD Driver Output Waveform
O
O
Power Save Mode
O
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com