Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1802A Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1802A
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802A Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1802A Datasheet HTML 1Page - Intersil Corporation CDP1802A Datasheet HTML 2Page - Intersil Corporation CDP1802A Datasheet HTML 3Page - Intersil Corporation CDP1802A Datasheet HTML 4Page - Intersil Corporation CDP1802A Datasheet HTML 5Page - Intersil Corporation CDP1802A Datasheet HTML 6Page - Intersil Corporation CDP1802A Datasheet HTML 7Page - Intersil Corporation CDP1802A Datasheet HTML 8Page - Intersil Corporation CDP1802A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
3-6
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1802A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1802AC, CDP1802BC . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . .-0.5V to VDD +0.5V
DC Input Current, any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical, Note 4)
θ
JA (
oC/W)
θ
JC (
oC/W)
PDIP . . . . . . . . . . . . . . . . . . . . . . . . . .
50
N/A
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . .
46
N/A
SBDIP . . . . . . . . . . . . . . . . . . . . . . . . .
55
15
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
±1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Lead Tips Only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions TA = -40oC to +85oC. For maximum reliability, operating conditions should be selected so
that operation is always within the following ranges:
PARAMETER
TEST CONDITIONS
CDP1802A
CDP1802AC
CDP1802BC
UNITS
(NOTE 2)
VCC
(V)
VDD
(V)
MIN
MAX
MIN
MAX
MIN
MAX
DC Operating Voltage Range
-
-
4
10.5
4
6.5
4
6.5
V
Input Voltage Range
-
-
VSS
VDD
VSS
VDD
VSS
VDD
V
Maximum Clock Input Rise or
Fall Time
4 to 6.5
4 to 6.5
-
-
-
1
-
1
µs
4 to 10.5
4 to 10.5
-
1
----
µs
Minimum Instruction Time
(Note 3)
5
5
5-5-
3.2
-
µs
5
10
4
-----
µs
10
10
2.5
-----
µs
Maximum DMA Transfer Rate
5
5
-
400
-
400
-
667
KBytes/s
5
10
-
500
----
10
10
-
800
----
Maximum Clock Input Frequency,
fCL, Load Capacitance
(CL) = 50pF
5
5
DC
3.2
DC
3.2
DC
5
MHz
5
10
DC
4
----
MHz
10
10
DC
6.4
----
MHz
NOTES:
1. Printed circuit board mount: 57mm x 57mm minimum area x 1.6mm thick G10 epoxy glass, or equivalent.
2. VCC must never exceed VDD.
3. Equals 2 machine cycles - one Fetch and one Execute operation for all instructions except Long Branch and Long Skip, which require 3
machine cycles - one Fetch and two Execute operations.
4.
θ
JA is measured with component mounted on an evaluation board in free air.
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com