Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1802A Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1802A
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802A Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1802A Datasheet HTML 1Page - Intersil Corporation CDP1802A Datasheet HTML 2Page - Intersil Corporation CDP1802A Datasheet HTML 3Page - Intersil Corporation CDP1802A Datasheet HTML 4Page - Intersil Corporation CDP1802A Datasheet HTML 5Page - Intersil Corporation CDP1802A Datasheet HTML 6Page - Intersil Corporation CDP1802A Datasheet HTML 7Page - Intersil Corporation CDP1802A Datasheet HTML 8Page - Intersil Corporation CDP1802A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
3-7
Static Electrical Specifications at TA = -40oC to +85oC, Except as Noted
PARAMETER
SYMBOL
TEST CONDITIONS
CDP1802A
CDP1802AC,
CDP1802BC
UNITS
VOUT
(V)
VIN
(V)
VCC,
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device Current
IDD
-
-
5
-
0.1
50
-
1
200
µA
-
-
10
-
1
200
-
-
-
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
1.1
2.2
-
1.1
2.2
-
mA
(Except XTAL)
0.5
0, 10
10
2.2
4.4
-
-
-
-
mA
XTAL
0.4
5
5
170
350
-
170
350
-
µA
Output High Drive (Source)
Current
IOH
4.6
0, 5
5
-0.27
-0.55
-
-0.27
-0.55
-
mA
(Except XTAL)
9.5
0, 10
10
-0.55
-1.1
-
-
-
-
mA
XTAL
4.6
0
5
-125
-250
-
-125
-250
-
µA
Output Voltage
-
0, 5
5
-
0
0.1
-
0
0.1
V
Low Level
VOL
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
-
0, 5
5
4.9
5
-
4.9
5
-
V
High Level
VOH
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 4.5
-
5, 10
-
-
1
-
-
-
V
1, 9
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 4.5
-
5, 10
4
-
-
-
-
-
V
1, 9
-
10
7
-
-
-
-
-
V
CLEAR Input Voltage
VH
-
-
5
0.4
0.5
-
0.4
0.5
-
V
Schmitt Hysteresis
-
-
5, 10
0.3
0.4
-
-
-
-
V
-
-
10
1.5
2
-
-
-
-
V
Input Leakage Current
IIN
Any
Input
0, 5
5
-
±10-4
±1-
±10-4
±1
µA
0, 10
10
-
±10-4
±1-
-
-
µA
Three-State Output Leakage
IOUT
0, 5
0, 5
5
-
±10-4
±1-
±10-4
±1
µA
Current
0, 10
0, 10
10
-
±10-4
±1-
-
-
µA
Operating Current
CDP1802A, AC
at f = 3.2MHz
IDDI
(Note 2)
--
5
-
2
4
-
2
4
mA
CDP1802BC
at f = 5.0MHz
--
5
-
-
-
-
3
6
mA
Minimum Data Retention
Voltage
VDR
VDD = VDR
-
2
2.4
-
2
2.4
V
Data Retention Current
IDR
VDD = 2.4V
-
0.05
-
-
0.5
-
µA
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com