Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201ACJ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG201ACJ
Description  Quad SPST, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201ACJ Datasheet(HTML) 4 Page - Intersil Corporation

  DG201ACJ Datasheet HTML 1Page - Intersil Corporation DG201ACJ Datasheet HTML 2Page - Intersil Corporation DG201ACJ Datasheet HTML 3Page - Intersil Corporation DG201ACJ Datasheet HTML 4Page - Intersil Corporation DG201ACJ Datasheet HTML 5Page - Intersil Corporation DG201ACJ Datasheet HTML 6Page - Intersil Corporation DG201ACJ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-4
Test Circuits and Waveforms
FIGURE 1. tON AND tOFF SWITCHING TEST CIRCUIT AND MEASUREMENT POINTS
NOTES:
6.
∆VO = Measured voltage error due to charge injection.
7. The error in coulombs is Q = CL x ∆VO.
FIGURE 2. CHARGE INJECTION TEST CIRCUIT AND MEASUREMENT POINTS
C = 0.001
µF||0.1µF
Chip Capacitors
FIGURE 3. OFF ISOLATION TEST CIRCUIT
C = 0.001
µF||0.1µF
Chip Capacitors
FIGURE 4. CHANNEL TO CHANNEL CROSSTALK TEST
CIRCUIT
LOGIC “0” = SWITCH ON
50%
90%
tOFF
LOGIC
†
INPUT
SWITCH
OUTPUT
VS
3V
tON
tr < 20ns
tf < 20ns
VO
S1
IN1
LOGIC
INPUT
GND
VS = 2V
RL
1k
Ω
CL
35pF
SWITCH
OUTPUT
15V
V+
-15V
V-
SWITCH
INPUT
(REPEAT TEST FOR
IN2, IN3 AND IN4)
VO = VS
RL
RL + rDS(ON)
90%
SWITCH
INPUT
†Logic shown for DG201A, invert for DG202.
D1
RS
SX
CL = 1nF
VO
DX
INX
VS
INX
∆VO
ON
OFF
ON
SWITCH
OUTPUT
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
V-
-15V
C
VS
VD
INX
GND
CHAN A
CHAN B
VIN
+15V
VS
OIRR
20 Log
V
S
V
D
--------
=
0V,
V+
VS1
RL
GND
IN1
VD1
IN2
50
Ω
0V, 2.4V
NC
V-
-15V
VD2
ANALYZER
CHAN A
CHAN B
SIGNAL
GENERATOR
VS2
2.4V
C
C
+15V
3
VS
CCRR
20 Log
V
S1
VD2
-----------
=
DG201A, DG202



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com