Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201ACJ Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG201ACJ
Description  Quad SPST, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201ACJ Datasheet(HTML) 1 Page - Intersil Corporation

  DG201ACJ Datasheet HTML 1Page - Intersil Corporation DG201ACJ Datasheet HTML 2Page - Intersil Corporation DG201ACJ Datasheet HTML 3Page - Intersil Corporation DG201ACJ Datasheet HTML 4Page - Intersil Corporation DG201ACJ Datasheet HTML 5Page - Intersil Corporation DG201ACJ Datasheet HTML 6Page - Intersil Corporation DG201ACJ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-1
File Number
3117.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
DG201A, DG202
Quad SPST, CMOS Analog Switches
The DG201A and DG202 quad SPST analog switches are
designed using Intersil’s 44V CMOS process. These
bidirectional switches are latch-proof and feature break-
before-make switching. Designed to block signals up to
30VP-P in the OFF state, the DG201A and DG202 offer the
advantages of low ON resistance (
≤175Ω), wide input signal
range (
±15V) and provide both TTL and CMOS compatibility.
The DG201A and DG202 are specification and pinout
compatible with the industry standard devices.
Pinout
DG201A, DG202
(CERDIP, PDIP, SOIC)
TOP VIEW
Features
• Input Signal Range. . . . . . . . . . . . . . . . . . . . . . . . . .
±15V
•Low rDS(ON) (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . 175Ω
• TTL, CMOS Compatible
• Latch-Up Proof
• True Second Source
• Maximum Supply Ratings. . . . . . . . . . . . . . . . . . . . . . 44V
• Logic Inputs Accept Negative Voltages
Functional Block Diagrams
DG201A
DG202
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
DG201AAK
-55 to 125
16 Ld CERDIP
F16.3
DG201ABK
-25 to 85
16 Ld CERDIP
F16.3
DG201ACJ
0 to 70
16 Ld PDIP
E16.3
DG201ACY
0 to 70
16 Ld SOIC
M16.3
DG202AK
-55 to 125
16 Ld CERDIP
F16.3
DG202CJ
0 to 70
16 Ld PDIP
E16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+ (SUB-
NC
S3
D3
IN3
D2
STRATE)
-
TRUTH TABLE
LOGIC
DG201A
DG202
0
ON
OFF
1
OFF
ON
Logic “0”
≤0.8V, Logic “1” ≥ 2.4V
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
SWITCHES SHOWN FOR LOGIC “1” INPUT
Data Sheet
June 1999


Similar Part No. - DG201ACJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG201ACJ MAXIM-DG201ACJ Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Intersil Corporation
DG201ACJ INTERSIL-DG201ACJ Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Maxim Integrated Produc...
DG201ACJ MAXIM-DG201ACJ Datasheet
517Kb / 12P
Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results

Similar Description - DG201ACJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
Quad SPST CMOS Analog Switches
30-May-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com