Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL430D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSL430D
Description  2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL430D Datasheet(HTML) 1 Page - Intersil Corporation

  FSL430D Datasheet HTML 1Page - Intersil Corporation FSL430D Datasheet HTML 2Page - Intersil Corporation FSL430D Datasheet HTML 3Page - Intersil Corporation FSL430D Datasheet HTML 4Page - Intersil Corporation FSL430D Datasheet HTML 5Page - Intersil Corporation FSL430D Datasheet HTML 6Page - Intersil Corporation FSL430D Datasheet HTML 7Page - Intersil Corporation FSL430D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-47
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
June 1998
FSL430D, FSL430R
2A, 500V, 2.50 Ohm, Rad Hard,
SEGR Resistant, N-Channel Power MOSFETs
Features
• 2A, 500V, rDS(ON) = 2.50Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 8.0nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E12 Neutrons/cm2
- Usable to 3E13 Neutrons/cm2
Formerly available as type TA17639.
Description
The Discrete Products Operation of Intersil has developed a
series
of
Radiation
Hardened
MOSFETs
specifically
designed for commercial and military space applications.
Enhanced Power MOSFET immunity to Single Event Effects
(SEE), Single Event Gate Rupture (SEGR) in particular, is
combined with 100K RADS of total dose hardness to provide
devices which are ideally suited to harsh space environ-
ments. The dose rate and neutron tolerance necessary for
military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-205AF
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSL430D1
10K
TXV
FSL430D3
100K
Commercial
FSL430R1
100K
TXV
FSL430R3
100K
Space
FSL430R4
D
G
S
DG S
File Number
4010.3


Similar Part No. - FSL430D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL4110LR ONSEMI-FSL4110LR Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
FSL4110LRLX ONSEMI-FSL4110LRLX Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
FSL4110LRN ONSEMI-FSL4110LRN Datasheet
394Kb / 16P
1000 V SenseFET Integrated Power Switch
April, 2022 - Rev. 2
logo
Fuzetec Technology Co.,...
FSL450LF-N FUZETEC-FSL450LF-N Datasheet
98Kb / 3P
Axial Leaded Low Rho PTC Resettable Fuse: FSL-N Series
More results

Similar Description - FSL430D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL430D INTERSIL-FRL430D Datasheet
47Kb / 6P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSF450D INTERSIL-FSF450D Datasheet
45Kb / 8P
9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS430D INTERSIL-FSS430D Datasheet
46Kb / 8P
3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7398 INTERSIL-JANSR2N7398 Datasheet
45Kb / 8P
2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com