Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7210IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 1 Page - Intersil Corporation

  HA7210IP Datasheet HTML 1Page - Intersil Corporation HA7210IP Datasheet HTML 2Page - Intersil Corporation HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
HA7210
10kHz to 10MHz, Low Power Crystal
Oscillator
The HA7210 is a very low power crystal-controlled oscillators
that can be externally programmed to operate between 10kHz
and 10MHz. For normal operation it requires only the addition
of a crystal. The part exhibits very high stability over a wide
operating voltage and temperature range.
The HA7210 also features a disable mode that switches the
output to a high impedance state. This feature is useful for
minimizing power dissipation during standby and when
multiple oscillator circuits are employed.
Pinout
HA7210
(PDIP, SOIC)
TOP VIEW
Features
• Single Supply Operation at 32kHz . . . . . . . . . . . . 2V to 7V
• Operating Frequency Range . . . . . . . . . 10kHz to 10MHz
• Supply Current at 32kHz . . . . . . . . . . . . . . . . . . . . . . 5
µA
• Supply Current at 1MHz . . . . . . . . . . . . . . . . . . . . . 130
µA
• Drives 2 CMOS Loads
• Only Requires an External Crystal for Operation
Applications
• Battery Powered Circuits
• Remote Metering
• Embedded Microprocessors
• Palm Top/Notebook PC
• Related Literature
- AN9334, Improving HA7210 Start-Up Time
Typical Application Circuit
32.768kHz MICROPOWER CLOCK OSCILLATOR
NOTE:
1. Internal pull-up resistors provided on EN, FREQ1, and FREQ2
inputs.
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA7210IP
-40 to 85
8 Ld PDIP
E8.3
HA7210IB
(H7210I)
-40 to 85
8 Ld SOIC
M8.15
HA7210Y
-40 to 85
DIE
VDD
OSC IN
OSC OUT
VSS
1
2
3
4
8
7
6
5
ENABLE
FREQ 2
FREQ 1
OUTPUT
VDD
1
2
3
4
8
7
6
5
HA7210
32.768kHz
CLOCK
32.768kHz
CRYSTAL
0.1
µF
(NOTE 1)
Data Sheet
February 1999
File Number
3389.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210IP INTERSIL-HA7210IP Datasheet
314Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
August 5, 2005
More results

Similar Description - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP6872 INTERSIL-CDP6872 Datasheet
101Kb / 15P
Low Power Crystal Oscillator
January 1996
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
August 5, 2005
logo
STATEK CORPORATION
LXOM STATEK-LXOM Datasheet
58Kb / 2P
Low Power Crystal Oscillator
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
Low Power Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
SMD 5.0x3.2 10MHz Crystal Oscillator
logo
STATEK CORPORATION
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com