Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7210IP Datasheet(PDF) 12 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation HA7210IP Datasheet HTML 10Page - Intersil Corporation HA7210IP Datasheet HTML 11Page - Intersil Corporation HA7210IP Datasheet HTML 12Page - Intersil Corporation HA7210IP Datasheet HTML 13Page - Intersil Corporation HA7210IP Datasheet HTML 14Page - Intersil Corporation HA7210IP Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FIGURE 35. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 36. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 37. TRANSCONDUCTANCE vs FREQUENCY
FIGURE 38. TRANSCONDUCTANCE vs FREQUENCY
NOTE:
Figure 39 (Duty Cycle vs RS at 32kHz) should only be used for 32kHz crystals. RS may be used at other frequencies to adjust Duty Cycle
but experimentation will be required to find an appropriate value. The RS value will be proportional to the effective series resistance of the crystal
being used.
FIGURE 39. DUTY CYCLE vs RS at 32kHz
Typical Performance Curves (Continued)
NOTE:
Refer to Test Circuit (Figure 1).
580
540
500
460
420
380
340
300
260
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
VDD = 5V, VSS = GND
436.5
µA/V
23
1000pF
1
µF
HA7210
100
Ω
50
Ω
178o
620
F1 = 0, F2 = 0
460
420
380
340
300
260
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
130
VDD = 5V, VSS = GND
311.6
µA/V
23
1000pF
1
µF
HA7210
100
Ω
50
Ω
500
177o
F1 = 0, F2 = 1
220
200
180
160
140
120
100
10K
100K
1M
10M
140
150
160
170
180
FREQUENCY (Hz)
130
240
VDD = 5V, VSS = GND
156.7
µA/V
176.6o
23
1000pF
1
µF
HA7210
100
Ω
50
Ω
F1 = 1, F2 = 0
15
10
5
0
10K
100K
1M
140
150
160
170
180
FREQUENCY (Hz)
130
120
110
20
VDD = 5V, VSS = GND
6.56
µA/V
23
1000pF
1
µF
HA7210
100
Ω
50
Ω
166o
F1 = 1, F2 = 1
0
20
40
60
80
100
120
35
40
45
50
55
60
F1 = F2 = 1, VDD = 5V, CL = 18pF, TA = 25
oC, f
OSC = 32.768kHz
RS (kΩ)
NDK PART #
MX-38
EPSON PART #
C-001R32.768K-A
HA7210
XTAL
2
OSC IN
3
OSC OUT
RS
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com