Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5513 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 1 Page - Intersil Corporation

  HC5513 Datasheet HTML 1Page - Intersil Corporation HC5513 Datasheet HTML 2Page - Intersil Corporation HC5513 Datasheet HTML 3Page - Intersil Corporation HC5513 Datasheet HTML 4Page - Intersil Corporation HC5513 Datasheet HTML 5Page - Intersil Corporation HC5513 Datasheet HTML 6Page - Intersil Corporation HC5513 Datasheet HTML 7Page - Intersil Corporation HC5513 Datasheet HTML 8Page - Intersil Corporation HC5513 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
54
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HC5513
TR909 DLC/FLC SLIC with
Low Power Standby
The HC5513 is a subscriber line interface circuit which is
interchangeable with Ericsson’s PBL3764 for distributed
central office applications. Enhancements include immunity
to circuit latch-up during hot plug and absence of false
signaling in the presence of longitudinal currents.
The HC5513 is fabricated in a High Voltage Dielectrically
Isolated (DI) Bipolar Process that eliminates leakage
currents and device latch-up problems normally associated
with Junction Isolated (JI) ICs. The elimination of the
leakage currents results in improved circuit performance for
wide temperature extremes. The latch free benefit of the DI
xxprocess guarantees operation under adverse transient
conditions. This process feature makes the HC5513 ideally
suited for use in harsh outdoor environments.
Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and Bat-
tery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• Meets TR-NWT-000057 Transmission Requirements
• -40oC to 85oC Ambient Temperature Range
Applications
• Digital Loop Carrier Systems . . . . . . . . . . . . . . • Pair Gain
• Fiber-In-The-Loop ONUs . . . . . . . . . . . . . . . . . . . • POTS
• Wireless Local Loop . . . . . . . . . . . . . . . . . . . . . . . .• PABX
• Hybrid Fiber Coax
• Related Literature
- AN9537, Operation of the HC5513/26 Evaluation Board
Block Diagram
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HC5513BIM
-40 to 85
28 Ld PLCC
N28.45
HC5513BIP
-40 to 85
22 Ld PDIP
E22.4
RINGRLY
DT
DR
TIP
RING
HPT
HPR
VBAT
VCC
VEE
AGND
BGND
VTX
RSN
E0
E1
C1
C2
DET
RING RELAY
DRIVER
4-WIRE
INTERFACE
VF SIGNAL
PATH
GROUND KEY
DETECTOR
LOOP CURRENT
DETECTOR
RDC
RSG
BIAS
DIGITAL
MULTIPLEXER
RING TRIP
DETECTOR
2-WIRE
INTERFACE
RD
Data Sheet
October 1998
File Number
3963.10


Similar Part No. - HC5513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
logo
Intersil Corporation
HC55130 INTERSIL-HC55130 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55130 INTERSIL-HC55130 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Renesas Technology Corp
HC55130 RENESAS-HC55130 Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55130IB INTERSIL-HC55130IB Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
More results

Similar Description - HC5513

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
August 2003
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com