Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5523IP Datasheet(PDF) 11 Page - Intersil Corporation

Part # HC5523IP
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IP Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HC5523IP Datasheet HTML 7Page - Intersil Corporation HC5523IP Datasheet HTML 8Page - Intersil Corporation HC5523IP Datasheet HTML 9Page - Intersil Corporation HC5523IP Datasheet HTML 10Page - Intersil Corporation HC5523IP Datasheet HTML 11Page - Intersil Corporation HC5523IP Datasheet HTML 12Page - Intersil Corporation HC5523IP Datasheet HTML 13Page - Intersil Corporation HC5523IP Datasheet HTML 14Page - Intersil Corporation HC5523IP Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
66
Before proceeding with an explanation of the loop current
detector, ground key detector and later the longitudinal
impedance, it is important to understand the difference
between a “metallic” and “longitudinal” loop currents. Figure 18
illustrates 3 different types of loop current encountered.
Case 1 illustrates the metallic loop current. The definition of
a metallic loop current is when equal currents flow out of tip
and into ring. Loop current is a metallic current.
Cases 2 and 3 illustrate the longitudinal loop current. The
definition of a longitudinal loop current is a common mode
current, that flows either out of or into tip and ring
simultaneously. Longitudinal currents in the on-hook state result
in equal currents flowing through the sense resistors R1 and
R2 (Figure 18). And longitudinal currents in the off-hook state
result in unequal currents flowing through the sense resistors
R1 and R2. Notice that for case 2, longitudinal currents flowing
away from the SLIC, the current through R1 is the metallic loop
current plus the longitudinal current; whereas the current
through R2 is the metallic loop current minus the longitudinal
current. Longitudinal currents are generated when the phone
line is influenced by magnetic fields (e.g. power lines).
Loop Current Detector
Figure 18 shows a simplified schematic of the loop current
and ground key detectors. The loop current detector works
by sensing the metallic current flowing through resistors R1
and R2. This results in a current (IRD) out of the
transconductance amplifier (gm1) that is equal to the product
of gm1 and the metallic loop current. IRD then flows out the
RD pin and through resistor RD to VEE. The value of IRD is
equal to:
The IRD current results in a voltage drop across RD that is
compared to an internal 1.25V reference voltage. When the
voltage drop across RD exceeds 1.25V, and the logic is
configured for loop current detection, the DET pin goes low.
The hysteresis resistor RH adds an additional voltage
effectively across RD, causing the on-hook to off-hook
threshold to be slightly higher than the off-hook to on-hook
threshold.
Taking into account the hysteresis voltage, the typical value
of RD for the on-hook to off-hook condition is:
Taking into account the hysteresis voltage, the typical value
of RD for the off-hook to on-hook condition is:
A filter capacitor (CD) in parallel with RD will improve the
accuracy of the trip point in a noisy environment. The value
of this capacitor is calculated using the following Equation:
where: T = 0.5ms
Ground Key Detector
A simplified schematic of the ground key detector is shown
in Figure 18. Ground key, is the process in which the ring
terminal is shorted to ground for the purpose of signaling an
Operator or seizing a phone line (between the Central Office
and a Private Branch Exchange). The Ground Key detector
is activated when unequal current flow through resistors R1
I
RD
I
TIP
I
RING
–
600
------------------------------------
I
L
300
----------
==
(EQ. 24)
R
D
465
I
ON
HOOK to OFF
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 25)
R
D
375
I
OFF
HOOK to ON
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 26)
C
D
T
R
D
--------
=
(EQ. 27)
HC5523
DET
RD
R2
gm1
gm2
gm1(IMETALLIC)
RD
CD
VREF
-
CURRENT
LOOP
VEE
-5V
GROUND
KEY
COMPARATOR
gm2(ITIP - IRING)
IRD
RH
I1
D1
D2
IGK
RING
TIP
+
-
R1
+
-
ORDERING INFORMATION
CASE 1
CASE 2
CASE 3
IMETALLIC
←
ILONGITUDINAL
←
ILONGITUDINAL
→
IMETALLIC
→
ILONGITUDINAL
←
ILONGITUDINAL
→
COMPARATOR
DIGITAL MULTIPLEXER
+
-
1.25V
+
-
RH
FIGURE 18. LOOP CURRENT AND GROUND KEY DETECTORS
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com