Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2533 Datasheet(PDF) 13 Page - NEC

Part # UPC2533
Description  AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2533 Datasheet(HTML) 13 Page - NEC

Back Button UPC2533 Datasheet HTML 9Page - NEC UPC2533 Datasheet HTML 10Page - NEC UPC2533 Datasheet HTML 11Page - NEC UPC2533 Datasheet HTML 12Page - NEC UPC2533 Datasheet HTML 13Page - NEC UPC2533 Datasheet HTML 14Page - NEC UPC2533 Datasheet HTML 15Page - NEC UPC2533 Datasheet HTML 16Page - NEC UPC2533 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
µPC2533
2.3
MIX2 Block
Fig. 2-3 MIX2 Block
28
23
17
24
25
14
13
12
11
22
21
VCC
Note
Xtal
R211
R212
+
R210
R209
R207
R208
Q205
Q206
Q207
Q208
Q201
Q202
Q203
Q204
Q203
OSC2
Buff2
To IF amplifier
Bias
circuit
To RF AGC circuit (Fig. 2-4)
From IF AGC (Fig. 2-6)
Current control
circuit
Note
From 10.7 MHz BPF
Note Output impedance and input impedance of Buff2 are 2 k
Ω and 30 kΩ, respectively.
MIX2 (Q201 to Q208) is a DBM with a configuration similar to that of MIX1.
The major difference from the MIX1 is that MIX2 is equipped with a current control circuit for output and is controlled
by the AGC.
Input impedance of MIX2 is 330
Ω to match the 10.7 MHz ceramic filter. Output impedance of Buff2 is 2 kΩ to
match the 450 kHz ceramic filter.
IF signal input from pin 23 is also input to the detector of the RF AGC. The RF AGC is detected by both MIX1 and
MIX2 blocks.
The Buff1 and Buff2 ensure impedance matching between MIX1 and MIX2 outputs and each ceramic filter. As
a result, IFT design is not restricted by the need to match ceramic filter impedance. For turn ratio, etc., only conversion
gain need be taken input account, so it is easy to design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com