Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2533 Datasheet(PDF) 21 Page - NEC

Part # UPC2533
Description  AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2533 Datasheet(HTML) 21 Page - NEC

Back Button UPC2533 Datasheet HTML 17Page - NEC UPC2533 Datasheet HTML 18Page - NEC UPC2533 Datasheet HTML 19Page - NEC UPC2533 Datasheet HTML 20Page - NEC UPC2533 Datasheet HTML 21Page - NEC UPC2533 Datasheet HTML 22Page - NEC UPC2533 Datasheet HTML 23Page - NEC UPC2533 Datasheet HTML 24Page - NEC UPC2533 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
µPC2533
4.
Characteristic Curves
Input/Output Characteristics (1)
7
6
5
4
3
2
1
0
0
–10
–20
–30
–40
–50
–60
–70
0
10
20
30
40
50
60
70
80
90
100
110
120
130
MS (VO =
–10 dB)
Noise
MS = 14 dB
V
µ US = 25 dB V
µ
Signal input level (dB V)
µ
VO
US (at S/N=20 dB)
VCC =8 V
fIN = 999 kHz
fMOD = 400 Hz
AMMOD = 30 %
RSD1 = RSD2 = 24 k
Ω
THD 30 %
THD 80 %
Signal meter voltage
µ
( PC2533GS-01)
µ
( PC2533GS-02)
Input/Output Characteristics (2)
Noise
VCC = 8 V
fIN = 216 kHz
fMOD = 400 Hz
AMMOD = 30 %
RSD1 = RSD2 = 24 k
Ω
VO
0
10
20
30
40
50
60
70
80
90
100
110
120
130
MS = 12.5 dB V
µ
US = 28 dB V
µ
Signal input level (dB V)
µ
7
6
5
4
3
2
1
0
0
–10
–20
–30
–40
–50
–60
–70
US (at S/N=20 dB)
THD 30 %
THD 80 %
Signal meter voltage
µ
( PC2533GS-01)
µ
( PC2533GS-02)
MS (VO =
–10 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com