Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP573 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP573 Datasheet HTML 1Page - Analog Devices ADCMP573 Datasheet HTML 2Page - Analog Devices ADCMP573 Datasheet HTML 3Page - Analog Devices ADCMP573 Datasheet HTML 4Page - Analog Devices ADCMP573 Datasheet HTML 5Page - Analog Devices ADCMP573 Datasheet HTML 6Page - Analog Devices ADCMP573 Datasheet HTML 7Page - Analog Devices ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP572/ADCMP573
Rev. A | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE
Propagation Delay
tPD
VCCI = 3.3 V, VOD = 200 mV
150
ps
VCCI = 3.3 V, VOD = 20 mV
165
ps
VCCI = 5.2 V, VOD = 200 mV
145
ps
Propagation Delay Tempco
∆tPD/dT
0.5
ps/°C
Prop Delay Skew—Rising Transition
to Falling Transition
VOD = 200 mV, 5 V/ns
10
ps
Overdrive Dispersion
50 mV < VOD < 0.2 V, 5 V/ns
15
ps
10 mV < VOD < 0.2 V, 5 V/ns
15
ps
Slew Rate Dispersion
2 V/ns to 10 V/ns, 250 mV OD
15
ps
Pulse Width Dispersion
100 ps to 5 ns, 250 mV OD
5
ps
10% – 90% Duty Cycle Dispersion
VCCI = 3.3 V, 1 V/ns, 250 mV OD
5
ps
VCCI = 5.2 V, 1 V/ns, 250 mV OD
10
Common-Mode Dispersion
VOD = 0.2 V, 0.0 V < VCM < 2.9 V
5
ps/V
Equivalent Input Bandwidth1
BWEQ
0.0 V to 250 mV input
tR = tF = 17 ps, 20/80
8.0
GHz
Toggle Rate
>50% Output Swing
12.5
Gbps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns,
PRBS31 − 1 NRZ, 4 Gbps
10
ps
VOD = 200 mV, 5 V/ns,
PRBS31 − 1 NRZ, 10 Gbps
20
ps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns, 1.25 GHz
0.2
ps
Minimum Pulse Width
PWMIN
∆tPD/∆PW < 5 ps, 200 mV OD
100
ps
PWMIN
∆tPD/∆PW < 10 ps, 200 mV OD
80
ps
Rise Time
tR
20/80
35
ps
Fall Time
tF
20/80
35
ps
POWER SUPPLY
Input Supply Voltage Range
VCCI
3.1
5.4
V
Output Supply Voltage Range
VCCO
3.1
5.4
V
Positive Supply Differential
VCCI −VCCO
−0.2
+2.3
V
ADCMP572 (CML)
Positive Supply Current
IVCCI + IVCCO
VCCI = 3.3 V, VCCO = 3.3 V,
terminate 50 Ω to VCCO
44
52
mA
VCCI = 5.2 V, VCCO = 5.2 V,
terminate 50 Ω to VCCO
44
52
Device Power Dissipation
PD
VCCI = 3.3 V, VCCO = 3.3 V,
terminate 50 Ω to VCCO
140
165
mW
VCCI = 5.2 V, VCCO = 5.2 V,
terminate 50 Ω to VCCO
230
265
ADCMP573 (RSPECL)
Positive Supply Current
IVCCI + IVCCO
VCCI = 3.3 V, VCCO = 3.3 V,
50 Ω to VCCO − 2 V
62
80
mA
VCCI = 5.2 V, VCCO = 5.2 V,
50 Ω to VCCO – 2 V
64
80
Device Power Dissipation
PD
VCCI = 3.3 V, VCCO = 3.3 V,
50 Ω to VCCO − 2 V
110
160
mW
VCCI = 5.2 V, VCCO = 5.2 V,
50 Ω to VCCO − 2 V
146
230
1 Equivalent input bandwidth assumes a simple first-order response and is calculated with the following formula: BWEQ = 0.22/√(trCOMP2−trIN2), where trIN is the 20/80
transition time of a quasi-Gaussian signal applied to the comparator input, and trCOMP is the effective transition time digitized by the comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com