Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP573 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP573 Datasheet HTML 4Page - Analog Devices ADCMP573 Datasheet HTML 5Page - Analog Devices ADCMP573 Datasheet HTML 6Page - Analog Devices ADCMP573 Datasheet HTML 7Page - Analog Devices ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices ADCMP573 Datasheet HTML 10Page - Analog Devices ADCMP573 Datasheet HTML 11Page - Analog Devices ADCMP573 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP572/ADCMP573
Rev. A | Page 8 of 16
–18.5
–18.0
–17.5
–17.0
–16.5
–16.0
–15.5
–15.0
–0.5 –0.3 –0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VP INPUT VOLTAGE (VN = –0.2V)
373
374
375
376
377
378
379
380
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
Figure 9. Input Bias Current vs. Input Differential
–16.9
–16.8
–16.7
–16.6
–16.5
–16.4
–16.3
–16.2
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
Figure 10. Input Bias Current vs. Temperature
TEMPERATURE (
°C)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–50
0
50
100
75
25
–25
125
Figure 11. Input Offset Voltage vs. Temperature
Figure 12. Output Levels vs. Temperature
496.0mV
M1
504.0mV
60.00ps/DIV
Figure 13. ADCMP572 Eye Diagram at 2.5 Gbps
500.0mV
500.0mV
25.00ps/DIV
Figure 14. ADCMP572 Eye Diagram at 6.5 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com