Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7752B Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7752B
Description  3-Phase, 3-Wire, and 4-Wire Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752B Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7752B_15 Datasheet HTML 10Page - Analog Devices ADE7752B_15 Datasheet HTML 11Page - Analog Devices ADE7752B_15 Datasheet HTML 12Page - Analog Devices ADE7752B_15 Datasheet HTML 13Page - Analog Devices ADE7752B_15 Datasheet HTML 14Page - Analog Devices ADE7752B_15 Datasheet HTML 15Page - Analog Devices ADE7752B_15 Datasheet HTML 16Page - Analog Devices ADE7752B_15 Datasheet HTML 17Page - Analog Devices ADE7752B_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADE7752B
Rev. 0 | Page 14 of 24
TYPICAL CONNECTION DIAGRAMS
CURRENT CHANNEL CONNECTION
Figure 15 shows a typical connection diagram for the current
channel (IA). A current transformer (CT) is the current trans-
ducer selected for this example. Notice that the common-mode
voltage for the current channel is AGND and is derived by
center-tapping the burden resistor to AGND. This provides the
complementary analog input signals for IAP and IAN. The CT
turns ratio and burden resistor Rb are selected to give a peak
differential voltage of ±500 mV at maximum load.
In theory, it is better to center tap Rb; however, this requires
very careful attention to the layout and matching of the resistors
to ensure that the channels have the same resistance. A single
resistor may be more practical and is a valid design choice.
IAP
±500mV
Rb
Rf
Rf
CT
NEUTRAL
PHASE
IP
IAN
Cf
Cf
Figure 15. Typical Connection for Current Channels
VOLTAGE CHANNEL CONNECTION
Figure 16 shows two typical connections for the voltage channel.
The first option uses a potential transformer (PT) to provide
complete isolation from the main voltage. In the second option,
the ADE7752B is biased around the neutral wire, and a resistor
divider is used to provide a voltage signal proportional to the
line voltage. Adjusting the ratio of Ra, Rb, and VR is a convenient
way of carrying out a gain calibration on the meter. VR can be
implemented using either a potentiometer or a binary weighted
series of resistors. Either configuration works, however, the
potentiometer is subject to noise over time. Two fixed value
resistors can be used in place of VR to minimize the noise.
±500mV
Ra*
Rb*
VR*
VAP
AGND
Rf
Rf
PT
NEUTRAL
PHASE
VN
Cf
Cf
VAP
Rf
NEUTRAL
PHASE
VN
Cf
Cf
*Ra >> Rf + VR; *Rb + VR = Rf
±500mV
Figure 16. Typical Connections for Voltage Channels
METER CONNECTIONS
In 3-phase service, two main power distribution services exist:
3-phase, 4-wire or 3-phase, 3-wire. The additional wire in the
3-phase, 4-wire arrangement is the neutral wire. The voltage
lines have a phase difference of ±120° (±2π/3 radians) between
each other (see Equation 7).
()
( )t
V
t
V
l
A
A
ω
×
×
=
cos
2
()
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
=
3
2
cos
2
t
V
t
V
l
B
B
(7)
()
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
×
×
=
3
4
cos
2
t
V
t
V
l
C
C
where VA, VB, and VC represent the voltage rms values of the
different phases.
The current inputs are represented by
()
(
)
A
l
A
A
t
I
t
I
φ
cos
2
+
ω
×
=
()
⎟
⎠
⎞
⎜
⎝
⎛
+
π
+
ω
×
=
B
l
B
B
t
I
t
I
φ
3
2
cos
2
(8)
()
⎟
⎠
⎞
⎜
⎝
⎛
+
π
+
ω
×
=
C
l
C
C
t
I
t
I
φ
3
4
cos
2
where:
IA, IB, and IC represent the rms value of the current of each phase.
φA, φB, and φC represent the phase difference of the current and
voltage channel of each phase.
The instantaneous powers can then be calculated as follows:
PA(t) = VA(t) × IA(t)
PB(t) = VB(t) × IB(t)
PC(t) = VC(t) × IC(t)
Then:
( )
( )
(
)
A
l
A
A
A
A
A
A
t
I
V
I
V
t
P
φ
+
ω
×
×
−
φ
×
×
=
2
cos
cos
( ) =
t
P
B
()
⎟
⎠
⎞
⎜
⎝
⎛
φ
+
π
+
ω
×
×
−
φ
×
×
B
l
B
B
B
B
B
t
I
V
I
V
3
4
2
cos
cos
(9)
()
()
⎟
⎠
⎞
⎜
⎝
⎛
φ
+
π
+
ω
×
×
−
φ
×
×
=
C
l
C
C
C
C
C
C
t
I
V
I
V
t
P
3
8
2
cos
cos
As shown in Equation 9, the active power calculation per phase
is made when current and voltage inputs of one phase are
connected to the same channel (A, B, or C). Then the
summation of each individual active power calculation gives the
total active power information, P(t) = PA(t) + PB(t) + PC(t).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com