Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4020IB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020IB Datasheet(HTML) 6 Page - Intersil Corporation

  HIP4020IB Datasheet HTML 1Page - Intersil Corporation HIP4020IB Datasheet HTML 2Page - Intersil Corporation HIP4020IB Datasheet HTML 3Page - Intersil Corporation HIP4020IB Datasheet HTML 4Page - Intersil Corporation HIP4020IB Datasheet HTML 5Page - Intersil Corporation HIP4020IB Datasheet HTML 6Page - Intersil Corporation HIP4020IB Datasheet HTML 7Page - Intersil Corporation HIP4020IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HIP4020
Typical Performance Curves
FIGURE 5. TYPICAL CHARACTERISTIC OF THE P-MOSFET OUTPUT DRIVER DRAIN CURRENT vs DRAIN-TO-SOURCE
VOLTAGE, TAMBIENT = 25
oC
FIGURE 6. TYPICAL CHARACTERISTIC OF THE N-MOSFET OUTPUT DRIVER DRAIN CURRENT vs DRAIN-TO-SOURCE
VOLTAGE, TAMBIENT = 25
oC
FIGURE 7. TYPICAL CHARACTERISTIC OF THE P AND N OUTPUT DRIVER SHORT CIRCUIT CURRENT vs SUPPLY
VOLTAGE, TAMBIENT = 25
oC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
DRAIN-TO-SOURCE VOLTAGE (V)
VDD = 3V
VDD = 5V
VDD = 12V
TYPICAL CURRENT
LIMITING
1
Ω
0.5
Ω
2
Ω
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
1
Ω
0.5
Ω
2
Ω
DRAIN-TO-SOURCE VOLTAGE (V)
VDD = 3V
VDD = 5V
VDD = 12V
TYPICAL CURRENT
LIMITING
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
VDD SUPPLY VOLTAGE (V)
N-CHANNEL
P-CHANNEL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com