Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4020IB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020IB Datasheet(HTML) 7 Page - Intersil Corporation

  HIP4020IB Datasheet HTML 1Page - Intersil Corporation HIP4020IB Datasheet HTML 2Page - Intersil Corporation HIP4020IB Datasheet HTML 3Page - Intersil Corporation HIP4020IB Datasheet HTML 4Page - Intersil Corporation HIP4020IB Datasheet HTML 5Page - Intersil Corporation HIP4020IB Datasheet HTML 6Page - Intersil Corporation HIP4020IB Datasheet HTML 7Page - Intersil Corporation HIP4020IB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HIP4020
FIGURE 8. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A +5V SUPPLY, TAMBIENT = 25
oC
FIGURE 9. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A
±3V SPLIT SUPPLY, OUTPUT
REFERENCE EQUAL LOGIC GROUND, TAMBIENT = 25
oC
FIGURE 10. TYPICAL CHARACTERISTIC OF SATURATION VOLTAGE vs OUTPUT CURRENT USING A
±6V SPLIT SUPPLY, OUTPUT
REFERENCE EQUAL LOGIC GROUND, TAMBIENT = 25
oC
Typical Performance Curves (Continued)
OUTPUT CURRENT, IO (A)
HIGH
LOW
VDD = +5V
VSS = VSSA = VSSB = GND
0
100
200
300
400
500
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
HIP4020 SPLIT 5V COMMON GROUND
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
OUTPUT CURRENT, IO (A)
HIGH
LOW
VDD = +3V
VSS = GND
VSSA = VSSB = -3V
0
100
200
300
400
500
600
700
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
HIP4020 SPLIT
±3V
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
OUTPUT CURRENT, IO (A)
VDD = +6V
VSS = GND
VSSA = VSSB = -6V
0
100
200
300
400
500
600
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
HIP4020 SPLIT
±6V
VSAT(P)
VSAT(N)
VSAT vs LOAD CURRENT
HIGH
LOW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com