Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2745 Datasheet(PDF) 4 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 4 Page - NEC

  UPC2745 Datasheet HTML 1Page - NEC UPC2745 Datasheet HTML 2Page - NEC UPC2745 Datasheet HTML 3Page - NEC UPC2745 Datasheet HTML 4Page - NEC UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
mmPC2745TB, mmPC2746TB
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITION
RATINGS
UNIT
Supply voltage
VCC
TA = +25
°C
4.0
V
Circuit current
ICC
TA = +25
°C16
mA
Input power level
Pin
TA = +25
°C
0
dBm
Total power dissipation
PD
Mounted on double sided copper clad
50
´ 50 ´ 1.6 mm epoxy glass PWB
(TA = +85
°C)
200
mW
Operating ambient temperature
TA
-40 to +85
°C
Storage temperature
TSTG
-55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTICE
Supply voltage
VCC
2.7
3.0
3.3
V
Operating ambient temperature
TA
-40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = + 25
°°C, VCC = 3.0 V, ZL = ZS = 50 W
W)
mPC2745TB
mPC2746TB
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Circuit current
ICC
No signals
5.0
7.5
10.0
5.0
7.5
10.0
mA
Power Gain
GP
f = 0.5 GHz
9.0
12
14
16
19
21
dB
Noise figure
NF
f = 0.5 GHz
¾
6
7.5
¾
4.0
5.5
dB
Upper limit operating
frequency
fu
3 dB down below
from gain at f = 100
MHz
2.3
2.7
¾
1.1
1.5
¾
GHz
Isolation
ISL
f = 0.5 GHz
33
38
¾
40
45
¾
dB
Input return loss
RLin
f = 0.5 GHz
8
11
¾
10
13
¾
dB
Output return loss
RLout
f = 0.5 GHz
2.5
5.5
¾
5.5
8.5
¾
dB
Maximum output level
PO(sat)
f = 0.5 GHz,
Pin =
-6 dBm
-4
-1
¾-30
¾
dBm
PARAMETER
SYMBOL
TEST CONDITION
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com