Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2745 Datasheet(PDF) 8 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 8 Page - NEC

Back Button UPC2745 Datasheet HTML 4Page - NEC UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC UPC2745 Datasheet HTML 10Page - NEC UPC2745 Datasheet HTML 11Page - NEC UPC2745 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
mmPC2745TB, mmPC2746TB
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°C)
¾ mPC2745TB ¾
10
8
6
4
2
10
8
6
4
2
0
1234
0
–40
CIRCUIT CURRENT vs. OPERATING
AMBIENT TEMPERATURE
Supply Voltage VCC (V)
Operating Ambient Temperature TA (˚C)
–20
0
20406080
100
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
VCC = 3.0 V
VCC = 1.8 V
15
10
5
0
–5
–10
15
10
5
0.3
1.0
3.0
0.1
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
Frequency f (GHz)
NOISE FIGURE, POWER GAIN vs. FREQUENCY
–10
–20
–30
–40
–50
–60
0
–10
–20
–30
–40
INPUT RETURN LOSS, OUTPUT RETURN
LOSS vs. FREQUENCY
ISOLATION vs. FREQUENCY
0.3
1.0
3.0
0.1
0.3
1.0
3.0
0.1
Frequency f (GHz)
0.3
1.0
3.0
0.1
Frequency f (GHz)
10
9
8
7
6
5
VCC = 3.0 V
VCC = 3.0 V
VCC = 1.8 V
RLout
RLin
VCC = 1.8 V
VCC = 1.8 V
VCC = 3.0 V
VCC = 3.0 V
TA = +25 ˚C
TA = –40 ˚C
TA = +85 ˚C
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
GP
NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com