Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN2NF10 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # STN2NF10
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

STN2NF10 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  STN2NF10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
STN2NF10 (KTN2NF10)
■
Features
●
VDS (V) = 100V
●
ID = 2.4 A (VGS = 10V)
●
RDS(ON) < 260mΩ (VGS = 10V)
■
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
100
VGS
±
20
Tc=25℃
2.4
Tc=100℃
1.5
IDM
17
Power Dissipation
Tc=25℃
PD
3.3
W
EAS
200
mJ
dv/dt
30
V/ns
t < 10sec
38
t > 10sec
62.5
TJ
150
Tstg
-55 to 150
Peak diode recovery voltage slope
(Note.2)
Single pulse avalanche energy
(Note.1)
Thermal Resistance.Junction- to-Ambient
RthJA
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current
ID
Drain-Source Voltage
Gate-Source Voltage
Junction Temperature
Storage Temperature Range
℃
/W
℃
Note.1: IAS = 2.4A, VDD = 30V, Rg=4.7Ω, starting Tj = 25°C
Note.2: ISD < 6A, di/dt < 500A/μs, VDD= 80% V(BR)DSS
G
D
S
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
4
1
2
3
0.250
Gauge Plane
1.Gate
2.Drain
3.Source
4.Drain


Similar Part No. - STN2NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
logo
VBsemi Electronics Co.,...
STN2NF10 VBSEMI-STN2NF10 Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results

Similar Description - STN2NF10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com