Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C55 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 82C55
Description  Radiation Hardened CMOS Programmable Peripheral Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C55 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 82C55 Datasheet HTML 9Page - Intersil Corporation 82C55 Datasheet HTML 10Page - Intersil Corporation 82C55 Datasheet HTML 11Page - Intersil Corporation 82C55 Datasheet HTML 12Page - Intersil Corporation 82C55 Datasheet HTML 13Page - Intersil Corporation 82C55 Datasheet HTML 14Page - Intersil Corporation 82C55 Datasheet HTML 15Page - Intersil Corporation 82C55 Datasheet HTML 16Page - Intersil Corporation 82C55 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
982
HS-82C55ARH
Control Word will always be in the format illustrated in Figure
11 with Bit D7 high to indicate Control Word Mode Informa-
tion.
FIGURE 10. BASIC MODE DEFINITIONS & BUS INTERFACE
TABLE 1.
A1
A0
RD
WR
CS
INPUT OPERATION
(READ)
00010
Port A - Data Bus
01010
Port B - Data Bus
10010
Port C - Data Bus
11010
Control Word - Data Bus
TABLE 2.
A1
A0
RD
WR
CS
OUTPUT OPERATION
(WRITE)
00100
Data Bus - Port A
01100
Data Bus - Port B
10100
Data Bus - Port C
11100
Data Bus - Control Word
RD, WR
D7 - D0
A0 - A1
BCA
CS
8
4
8
4
I/O
I/O
I/O
I/O
PB7 - PB0 PC3 - PC0 PC7 - PC4 PA7 - PA0
MODE 0
DATA BUS
CONTROL BUS
ADDRESS BUS
BCA
8
8
I/O
I/O
PB7 - PB0
PA7 - PA0
MODE 1
CONTROL
OR I/O
CONTROL
OR I/O
BCA
8
8
I/O
BIDIREC-
PB7 - PB0
PA7 - PA0
MODE 2
I/O
CONTROL
TIONAL
FIGURE 11. MODE SET CONTROL WORD FORMAT
Mode Selection
There are three basic modes of operation that can be
selected by the system software:
When the RESET input goes “high”, all ports will be set to
the input mode with all 24 port lines held at the logic “one”
level by internal bus hold devices. After reset, the HS-
82C55ARH can remain in the input mode with no additional
initialization required. This eliminates the need for pullup or
pulldown resistors in all CMOS designs. During the
execution of the system program, any of the other modes
may be selected using a single output instruction. This
allows a single HS-82C55ARH to service a variety of
peripheral devices with a simple software maintenance
routine.
The modes for Port A and Port B can be separately defined
while Port C is divided into two portions as required by the
Port A and Port B definitions. All of the output registers,
including the status register, will be reset whenever the
mode is changed. Modes may be combined so that their
functional definition can be “tailored” to almost any I/O struc-
ture. For instance: Group B can be programmed in Mode 0
to monitor simple switch closings or display computational
results, Group A could be programmed in Mode 1 to monitor
a keyboard or tape recorder on an interrupt-driven basis.
TABLE 3.
A1
A0
RD
WR
CS
DISABLE FUNCTION
XXXX
1
Data Bus - 3-State
X
X
1
1
0
Data Bus - 3-State
Mode 0 - Basic Input/Output
Mode 1 - Strobed Input/Output
Mode 2 - Bidirectional Bus
D7 D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
GROUP B
PORT C (LOWER)
1 = INPUT
0 = OUTPUT
PORT B
1 = INPUT
0 = OUTPUT
MODE SELECTION
0 = MODE 0
1 = MODE 1
GROUP A
PORT C (UPPER)
1 = INPUT
0 = OUTPUT
PORT A
1 = INPUT
0 = OUTPUT
MODE SELECTION
00 = MODE 0
01 = MODE 1
1X = MODE 2
MODE SET FLAG
1 = ACTIVE
Spec Number
518060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com