Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C55 Datasheet(PDF) 21 Page - Intersil Corporation

Part # 82C55
Description  Radiation Hardened CMOS Programmable Peripheral Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C55 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button 82C55 Datasheet HTML 15Page - Intersil Corporation 82C55 Datasheet HTML 16Page - Intersil Corporation 82C55 Datasheet HTML 17Page - Intersil Corporation 82C55 Datasheet HTML 18Page - Intersil Corporation 82C55 Datasheet HTML 19Page - Intersil Corporation 82C55 Datasheet HTML 20Page - Intersil Corporation 82C55 Datasheet HTML 21Page - Intersil Corporation 82C55 Datasheet HTML 22Page - Intersil Corporation 82C55 Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
990
HS-82C55ARH
Current Drive Capability
Any output on Port A, B or C can sink or source 2.5mA. This
feature allows the 82C55A to directly drive Darlington type
drivers and high-voltage displays that require such sink or
source current.
Reading Port C Status (Figures 23 and 24)
In Mode 0, Port C transfers data to or from the peripheral
device. When the 82C55A is programmed to function in
Modes 1 or 2, Port C generates or accepts “hand shaking”
signals with the peripheral device. Reading the contents of
Port C allows the programmer to test or verify the “status” of
each peripheral device and change the program flow
accordingly.
There is no special instruction to read the status information
from Port C. A normal read operation of Port C is executed
to perform this function.
FIGURE 25. INTERRUPT ENABLE FLAGS IN MODES 1 AND 2
INTERRUPT
ENABLE FLAG*
POSITION
ALTERNATE PORT C
PIN SIGNAL (MODE)
INTE B
PC2
ACKB (Output Mode 1) or
STBB (Input Mode 1)
INTE A2
PC4
STBA (Input Mode 1 or
Mode 2)
INTE A1
PC6
ACKA (Output Mode 1 or
Mode 2)
Spec Number
518060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com