Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC305C Datasheet(PDF) 3 Page - NEC

Part # UPC305C
Description  POSITIVE VOLTAGE STABILIZED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC305C Datasheet(HTML) 3 Page - NEC

  UPC305C Datasheet HTML 1Page - NEC UPC305C Datasheet HTML 2Page - NEC UPC305C Datasheet HTML 3Page - NEC UPC305C Datasheet HTML 4Page - NEC UPC305C Datasheet HTML 5Page - NEC UPC305C Datasheet HTML 6Page - NEC UPC305C Datasheet HTML 7Page - NEC UPC305C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet G10633EJ3V0DS00
3
µµµµPC305
STANDARD CHARACTERISTIC CURVES
(Unless otherwise specified, TA = 25
°°°°C. Reference values)
0
100
80
60
40
20
0
510
15
Output Current IO (mA)
Load Stability (1)
RSC = 0
Ω
TA = 0
°C
TA =
+70°C
TA =
−20°C
Operating Temperature TA [
°C]
PT vs TA Characteristics
0
102030
Output Current IO (mA)
Load Stability (2)
RSC = 13
Ω
40
TA = 25
°C
050
Output Current IO (mA)
Current-limiting Characteristics
RSC = 13
Ω
510
20
Output Voltage (V)
Resistance for Setting Output Voltage
50
080
60
20
Operating Temperature TA (
°C)
Current-limiting Pickup Voltage
10
20
30
40
TA = 25
°C
R2
R1 = 1110
×VOUT (Ω)
R1//R2 = 2 k
Ω
40
PC305C
PC305G
TA = 0
°C
TA = 0
°C
TA =
−20°C
TA =
−20°C
TA =
+70°C
TA =
+70°C
0
500
0
100
80
60
40
20
0
0.6
3.2
3.0
2.8
2.6
2.4
2.2
2.0
0.5
0.4
0.3
0.2
−0.02
−0.04
−0.06
−0.08
−0.1
400
300
200
100
0
−0.01
−0.02
−0.03
−0.04
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com