Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC305C Datasheet(PDF) 4 Page - NEC

Part # UPC305C
Description  POSITIVE VOLTAGE STABILIZED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC305C Datasheet(HTML) 4 Page - NEC

  UPC305C Datasheet HTML 1Page - NEC UPC305C Datasheet HTML 2Page - NEC UPC305C Datasheet HTML 3Page - NEC UPC305C Datasheet HTML 4Page - NEC UPC305C Datasheet HTML 5Page - NEC UPC305C Datasheet HTML 6Page - NEC UPC305C Datasheet HTML 7Page - NEC UPC305C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G10633EJ3V0DS00
4
µµµµPC305
40
0
−40
400
0
−400
010
20
Response Time ( s)
Transient Response Time
30
LINE
LOAD
CL = 1 F
CL = 0
RSC = 10
Ω
IFL = 20 mA
INL = 1.0 mA
VOUT = 10 V
VOUT = 10 V
RSC = 10
Ω
∆VIN = 5 V
110
2
Input - Output Voltage Difference VDIF (V)
Line Regulation
50
VOUT = 10 V
TA = 25
°C
Cref = 0 F
Cref = 10 F
f
≤120 Hz
520
0.1
0.05
0.02
0.01
0.005
0.002
0.001
µ
µ
µ
µ
APPLICATION CIRCUIT EXAMPLES
1
8
R3 13
Ω
5 V-15 mA Regulator
15 V-1A Regulator (Fold-back Characteristics)
10 V-200 mA Regulator (Drooping Characteristics)
1A Constant-current Regulator
R3 1.3
Ω 0.5 W
R3 1.3
Ω 2 W
680
Ω
VO = 5 V
VO = 15 V
VO = 10 V
C2
1 F
R1
5.6 k
Ω
R2
R5
1.2 k
Ω
R1
16.7
k
Ω
R2
2.3
k
Ω
R6
R3
130
Ω
R1
R2
R4
2 k
Ω
R2
R3
R1
1.8
Ω 2W
C3
0.01 F
C1 47 pF
C1 47 pF
110
Ω
C1 47 pF
3.1 k
Ω
C1
47 pF
VIN
≥ 8 V
VIN
≥ 19 V
VIN
≥ 13 V
VIN
CREF
10 F
+
−
+
−
+
−
+
−
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
µ
C2
50 F
µ
C2
3.3 F
µ
µ
CREF
10 F
µ
C4
1 F
µ
CREF
10 F
µ
µ
C3
0.1 F
µ
C3
2SB505
2SD297
2SB505
2SD73
2SD79
68
Ω
Load
0.01 F
µ
Caution Note the power consumption of the
µµµµPC305 when the output pin is short-circuited and that of the
external transistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com