Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9402 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS9402 Datasheet HTML 1Page - Renesas Technology Corp PS9402 Datasheet HTML 2Page - Renesas Technology Corp PS9402 Datasheet HTML 3Page - Renesas Technology Corp PS9402 Datasheet HTML 4Page - Renesas Technology Corp PS9402 Datasheet HTML 5Page - Renesas Technology Corp PS9402 Datasheet HTML 6Page - Renesas Technology Corp PS9402 Datasheet HTML 7Page - Renesas Technology Corp PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PS9402
Chapter Title
R08DS0014EJ0100 Rev.1.00
Page 2 of 22
Jun 22, 2012
PACKAGE DIMENSIONS (UNIT: mm)
10.36±0.4
0.64 MIN.
7.49
+0.5
–0.1
0.71±0.3
10.31±0.5
1.27
0.46±0.1
0.25 M
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
8 mm
Outer Creepage Distance
8 mm
Isolation Distance
0.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com