Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9402 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PS9402 Datasheet HTML 16Page - Renesas Technology Corp PS9402 Datasheet HTML 17Page - Renesas Technology Corp PS9402 Datasheet HTML 18Page - Renesas Technology Corp PS9402 Datasheet HTML 19Page - Renesas Technology Corp PS9402 Datasheet HTML 20Page - Renesas Technology Corp PS9402 Datasheet HTML 21Page - Renesas Technology Corp PS9402 Datasheet HTML 22Page - Renesas Technology Corp PS9402 Datasheet HTML 23Page - Renesas Technology Corp PS9402 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PS9402
Chapter Title
R08DS0014EJ0100 Rev.1.00
Page 21 of 22
Jun 22, 2012
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Spec.
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
40/110/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.6 × UIORM., Pd < 5 pC
UIORM
Upr
1 130
1 808
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875 × UIORM., Pd < 5 pC
Upr
2 119
Vpeak
Highest permissible overvoltage
UTR
8 000
Vpeak
Degree of pollution (DIN EN 60664-1 VDE0110 Part 1)
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303 Part 11))
CTI
175
Material group (DIN EN 60664-1 VDE0110 Part 1)
III a
Storage temperature range
Tstg
–55 to +125
°C
Operating temperature range
TA
–40 to +110
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25°C
VIO = 500 V dc at TA MAX. at least 100°C
Ris MIN.
Ris MIN.
10
12
10
11
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
10
9
°C
mA
mW
Ω
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com