Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9505L2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9505L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505L2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9505L2 Datasheet HTML 4Page - Renesas Technology Corp PS9505L2 Datasheet HTML 5Page - Renesas Technology Corp PS9505L2 Datasheet HTML 6Page - Renesas Technology Corp PS9505L2 Datasheet HTML 7Page - Renesas Technology Corp PS9505L2 Datasheet HTML 8Page - Renesas Technology Corp PS9505L2 Datasheet HTML 9Page - Renesas Technology Corp PS9505L2 Datasheet HTML 10Page - Renesas Technology Corp PS9505L2 Datasheet HTML 11Page - Renesas Technology Corp PS9505L2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
R08DS0015EJ0100 Rev.1.00
Page 8 of 20
Jan 06, 2012
TEST CIRCUIT
Fig. 1 IOH Test Circuit
Fig. 2 IOL Test Circuit
Fig. 3 VOH Test Circuit
Fig. 4 VOL Test Circuit
Fig. 5 IFLH Test Circuit
Fig. 6 UVLO Test Circuit
VCC = 15 to 30 V
2.5 V
0.1 F
μ
1
2
3
4
8
7
6
5
IOL
IF
VCC =
15 to 30 V
0.1 F
μ
1
2
3
4
8
7
6
5
VO > 5 V
IF = 10 mA
VCC
0.1 F
μ
1
2
3
4
8
7
6
5
VO > 5 V
IF =
7 to 16 mA
VCC =
15 to 30 V
0.1 F
μ
1
2
3
4
8
7
6
5
VOH
100 mA
VCC =
15 to 30 V
4 V
0.1 F
μ
IF =
7 to 16 mA
1
2
3
4
8
7
6
5
SHIELD
SHIELD
SHIELD
SHIELD
SHIELD
SHIELD
IOH
1
2
3
4
8
7
6
5
VCC = 15 to 30 V
0.1 F
μ
VOL
100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com