Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9505L2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9505L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505L2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9505L2 Datasheet HTML 1Page - Renesas Technology Corp PS9505L2 Datasheet HTML 2Page - Renesas Technology Corp PS9505L2 Datasheet HTML 3Page - Renesas Technology Corp PS9505L2 Datasheet HTML 4Page - Renesas Technology Corp PS9505L2 Datasheet HTML 5Page - Renesas Technology Corp PS9505L2 Datasheet HTML 6Page - Renesas Technology Corp PS9505L2 Datasheet HTML 7Page - Renesas Technology Corp PS9505L2 Datasheet HTML 8Page - Renesas Technology Corp PS9505L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
R08DS0015EJ0100 Rev.1.00
Page 1 of 20
Jan 06, 2012
PIN CONNECTION
(Top View)
1. NC
2. Anode
3. Cathode
4. NC
5. VEE
6. VO
7. VO
8. VCC
12
3
4
8765
Preliminary Data Sheet
PS9505,PS9505L1,PS9505L2,PS9505L3
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
DESCRIPTION
The PS9505, PS9505L1, PS9505L2 and PS9505L3 are optically coupled isolators containing a GaAlAs LED on the
input side and a photo diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9505 Series is designed specifically for high common mode transient immunity (CMR), high output current and
high switching speed.
The PS9505 Series is suitable for driving IGBTs and MOS FETs.
The PS9505 Series is in a plastic DIP (Dual In-line Package).
The PS9505L1 is lead bending type for long creepage distance.
The PS9505L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9505L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
• Long creepage distance (8 mm MIN.: PS9505L1, PS9505L2)
• Large peak output current (2.5 A MAX., 2.0 A MIN.)
• High speed switching (tPLH
, tPHL = 0.25
μs MAX.)
• UVLO (Under Voltage Lock Out) protection with hysteresis
• High common mode transient immunity (CMH, CML =
±25 kV/
μs MIN.)
• Embossed tape product: PS9505L2-E3: 1 000 pcs/reel
: PS9505L3-E3: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• SEMKO approved: No. 1115598
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024069 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• IH (Induction Heating)
R08DS0015EJ0100
Rev.1.00
Jan 06, 2012
<R>
<R>


Similar Part No. - PS9505L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9505L2 RENESAS-PS9505L2 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505L2 CEL-PS9505L2 Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505L2-AX CEL-PS9505L2-AX Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505L2-E3 RENESAS-PS9505L2-E3 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505L2-E3 CEL-PS9505L2-E3 Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9505L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com