Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC29L03 Datasheet(PDF) 5 Page - NEC

Part # UPC29L03
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29L03 Datasheet(HTML) 5 Page - NEC

  UPC29L03 Datasheet HTML 1Page - NEC UPC29L03 Datasheet HTML 2Page - NEC UPC29L03 Datasheet HTML 3Page - NEC UPC29L03 Datasheet HTML 4Page - NEC UPC29L03 Datasheet HTML 5Page - NEC UPC29L03 Datasheet HTML 6Page - NEC UPC29L03 Datasheet HTML 7Page - NEC UPC29L03 Datasheet HTML 8Page - NEC UPC29L03 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
µPC29L00 Series
ELECTRICAL CHARACTERISTICS
µPC29L33 (VIN = 5 V, IO = 40 mA, TJ = 25 ˚C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
3.17
3.3
3.43
V
3.8 V
≤ VIN ≤ 10 V, 1 mA ≤ IO ≤ 40 mA,
3.14
3.46
0 ˚C
≤ TJ ≤ 125 ˚C
4.5 V
≤ VIN ≤ 5.5 V, 1 mA ≤ IO ≤ 100 mA,
3.14
3.46
0 ˚C
≤ TJ ≤ 125 ˚C
Line Regulation
REGIN
3.8 V
≤ VIN ≤ 12 V
4
50
mV
3.8 V
≤ VIN ≤ 9 V
2
20
Load Regulation
REGL
1 mA
≤ IO ≤ 100 mA
37
50
mV
1 mA
≤ IO ≤ 40 mA
16
20
Quiescent Current
IBIAS
IO = 0
1.5
2.0
mA
IO = 100 mA
10
20
mA
Start-up Current
IBIAS(S)
IO = 0 mA, before VO regulation
19
30
mA
Quiescent Current Change
∆IBIAS
4.3 V
≤ VIN ≤ 12 V, 0 ˚C ≤ TJ ≤ 125 ˚C
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
28
µVrms
Ripple Rejection
R·R
f = 120 Hz, 4.3 V
≤ VIN ≤ 9 V
48
65
dB
Dropout Voltage
VDIF
IO = 40 mA, 0 ˚C
≤ TJ ≤ 125 ˚C
0.15
0.3
V
Peak Output Current
IOpeak
VIN = 5 V
190
mA
Short Circuit Current
IOshort
VIN = 12 V
100
mA
Temperature Coefficient of
∆VO/∆TIO = 5 mA, 0 ˚C ≤ TJ ≤ 125 ˚C
–0.6
mV/˚C
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com