Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC29L03 Datasheet(PDF) 1 Page - NEC

Part # UPC29L03
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29L03 Datasheet(HTML) 1 Page - NEC

  UPC29L03 Datasheet HTML 1Page - NEC UPC29L03 Datasheet HTML 2Page - NEC UPC29L03 Datasheet HTML 3Page - NEC UPC29L03 Datasheet HTML 4Page - NEC UPC29L03 Datasheet HTML 5Page - NEC UPC29L03 Datasheet HTML 6Page - NEC UPC29L03 Datasheet HTML 7Page - NEC UPC29L03 Datasheet HTML 8Page - NEC UPC29L03 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©
1995
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC29L00 Series
DESCRIPTION
µPC29L00 Series are low dropout regulators which have 100 mA capable for the output current.
The variation of output voltage is 3 V, 3.3 V, 4 V and 5 V.
FEATURES
•
Low dropout voltage. VDIF
≤ 0.3 V
•
Built-in overcurrent protection circuit.
•
Built-in thermal shut-down circuit.
ORDERING INFORMATION
Output Voltage
Type Number
Package
3 V
µPC29L03J
TO-92
µPC29L03T
SOT-89
3.3 V
µPC29L33J
TO-92
µPC29L33T
SOT-89
4 V
µPC29L04J
TO-92
µPC29L04T
SOT-89
5 V
µPC29L05J
TO-92
µPC29L05T
SOT-89
Document No. G10354EJ2V0DS00 (2nd edition)
Date Published December 1995 P
Printed in Japan
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
CONNECTION DIAGRAM
(TOP VIEW)
µPC29L00J Series
µPC29L00T Series
OUTPUT
INPUT
GND
GND
123
OUTPUT
INPUT
GND
123


Similar Part No. - UPC29L03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC29L03J RENESAS-UPC29L03J Datasheet
298Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1995
UPC29L03T RENESAS-UPC29L03T Datasheet
298Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1995
More results

Similar Description - UPC29L03

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com