Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7663SCBA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7663SCBA
Description  CMOS Programmable Micropower Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7663SCBA Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7663SCBA Datasheet HTML 1Page - Intersil Corporation ICL7663SCBA Datasheet HTML 2Page - Intersil Corporation ICL7663SCBA Datasheet HTML 3Page - Intersil Corporation ICL7663SCBA Datasheet HTML 4Page - Intersil Corporation ICL7663SCBA Datasheet HTML 5Page - Intersil Corporation ICL7663SCBA Datasheet HTML 6Page - Intersil Corporation ICL7663SCBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
58
Typical Performance Curves
FIGURE 1. VOUT2 OUTPUT VOLTAGE AS A FUNCTION OF
OUTPUT CURRENT
FIGURE 2. VOUT1 INPUT-OUTPUT DIFFERENTIAL vs
OUTPUT CURRENT
FIGURE 3. VOUT2 INPUT-OUTPUT DIFFERENTIAL vs
OUTPUT CURRENT
FIGURE 4. NPUT POWER SUPPLY REJECTION RATIO
FIGURE 5. QUIESCENT CURRENT AS A FUNCTION OF
INPUT VOLTAGE
FIGURE 6. QUIESCENT CURRENT AS A FUNCTION OF
TEMPERATURE
5.000
4.995
4.990
4.985
4.980
4.975
4.970
4.965
4.960
4.955
4.950
10-2
10-1
100
101
102
10-3
IOUT (mA)
TA = 25
oC
V+ = 9.0V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02468
10
12
14
16
18
20
TA = 25
oC
V+IN = 15V
IOUT1 (mA)
V+IN = 9V
V+IN = 2V
IOUT2 (mA)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
35
40
45
50
V+IN = 9V
TA = 25
oC
V+IN = 2V
V+IN = 15V
10-2
10-1
100
101
102
1k
100
90
80
70
60
50
40
30
20
10
0
FREQUENCY (Hz)
VIN = 9.0V
∆VIN = 2V
TA = -20
oC
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
02468
10
12
14
16
V+IN (V)
TA = -25
oC
TA = -70
oC
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
V+ = 15V
V+ = 9V
V+ = 2V
-20
0
20
40
60
80
TEMPERATURE (oC)
ICL7663S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com